Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705BD7 Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # 68HC705BD7
Description  SPECIFICATION REV 2.0 (General Release)
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705BD7 Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button 68HC705BD7 Datasheet HTML 43Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 44Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 45Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 46Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 47Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 48Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 49Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 50Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 85 page
background image
SECTION 8: PULSE WIDTH MODULATION
Page 37
MC68HC05BD7 Rev. 2.0
GENERAL RELEASE SPECIFICATION
SECTION 8
PULSE WIDTH MODULATION
There are 16 PWM channels. Channel 0 to channel 7 are dedicated PWM channels with
5V open-drain option. Channel 8 to channel 15 are shared with ports C under the control
of the corresponding configuration register. The channel 8 and channel 9 are 12V open-
drain outputs.
8.1
Operation of 8-Bit PWM
Each 8-Bit PWM channel is composed of an 8-bit register which contains a 5-bit PWM in
MSB portion and a 3-bit binary rate multiplier (BRM) in LSB portion. There are 16 data
registers as shown in Figure 8-1 located from $20 to $2F. The value programmed in the 5-
bit PWM portion will determine the pulse length of the output. The clock to the 5-bit PWM
portion is the MCU clock and the repetition rate of the output is hence 62.5 KHz at 2 MHz
MCU clock.
The 3-bit BRM will generate a number of narrow pulses which are equally distributed
among an 8-PWM-cycle frame. The number of pulses generated is equal to the number
programmed in the 3-bit BRM portion. An example of the waveform is shown in Figure 8-2.
Combining the 5-bit PWM together with the 3-bit BRM, the average duty cycle at the output
will be (M+N/8)/32, where M is the content of the 5-bit PWM portion, and N is the content
of the 3-bit BRM portion. Using this mechanism, a true 8-bit resolution PWM type DAC with
reasonably high repetition rate can be obtained.
Figure 8-1: PWM Data Register
The value of each PWM Data Register is continuously compared with the content of an
internal counter to determine the state of each PWM channel output pin. Double buffering
is not used in this PWM design.
0PWM3
0PWM1
0PWM4
0
7
0BRM1
0BRM2
0PWM0
0000000
6543210
0PWM2
W
R
PWMR
$20-$2F
reset
⇒
0BRM0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com