Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705BD7 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # 68HC705BD7
Description  SPECIFICATION REV 2.0 (General Release)
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705BD7 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button 68HC705BD7 Datasheet HTML 12Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 13Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 14Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 15Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 16Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 17Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 18Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 19Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 85 page
background image
SECTION 1: GENERAL DESCRIPTION
Page 6
GENERAL RELEASE SPECIFICATION
MC68HC05BD7 Rev. 2.0
Figure 1-3: MC68HC05BD7/BD2 42-Pin SDIP Pin Assignment
PA1
PA0
PA2
PD0*/SDA*
PD1*/SCL*
PWM7**
PC4/PWM12/ADC2
PC3/PWM11/ADC1
PC2/PWM10/ADC0
PC1*/PWM9*
PC0*/PWM8*
PWM5**
PC7/PWM15/HSYNO
PC6/PWM14/VSYNO
PC5/PWM13/ADC3
PWM6**
VSYNC
HSYNC
PWM3**
PWM4**
42-PIN SDIP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
41
XTAL
PA5
PA6
PA3
PA4
PB4*
PB3*
PB2*
PB1
PA7
EXTAL
PB5*
IRQ/VPP
PB0
VDD
VSS
RESET
PWM0**
PWM1**
PWM2**
21
42
*: +12V open-drain
PD2***/CLAMP
PD3*/SOG
**: +5V open-drain option
***: +5V open-drain option
MC68HC05BD7
IRQ/VPP: VPP valid for HC705 version only, not used for HC05 version
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com