Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705BD7 Datasheet(PDF) 75 Page - Freescale Semiconductor, Inc

Part # 68HC705BD7
Description  SPECIFICATION REV 2.0 (General Release)
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705BD7 Datasheet(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button 68HC705BD7 Datasheet HTML 71Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 72Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 73Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 74Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 75Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 76Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 77Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 78Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 85 page
background image
SECTION 13: ELECTRICAL SPECIFICATIONS
Page 65
MC68HC05BD7 Rev. 2.0
GENERAL RELEASE SPECIFICATION
SECTION 13
ELECTRICAL SPECIFICATIONS
13.1
Maximum Ratings
(Voltages referenced to VSS)
This device contains circuitry to protect the inputs against damage due to high static
voltages or electric fields; however, it is advised that normal precautions be taken to avoid
application of any voltage higher than maximum-rated voltages to this high-impedance
circuit. For proper operation, it is recommended that VIN and VOUT be constrained to the
range VSS ≤ (VIN or VOUT) ≤ VDD. Reliability of operation is enhanced if unused inputs are
connected to an appropriate logic voltage level (e.g., either VSS or VDD).
13.2
Thermal Characteristics
Rating
Symbol
Value
Unit
Supply Voltage
VDD
–0.3 to +7.0
V
Input Voltage
VIN
VSS –0.3 to VDD +0.3
V
IRQ Pin
VIN
VSS –0.3 to 2VDD +0.3
V
Current Drain Per Pin Excluding VDD and VSS
VIN
25
mA
Operating Temperature Range
MC68HC05BD7
(Standard)
TA
0 to +70
°C
Storage Temperature Range
TSTG
–65 to +150
°C
Characteristic
Symbol
Value
Unit
Thermal Resistance
Plastic
θ
JA
60
°C/W
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com