Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705BD7 Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # 68HC705BD7
Description  SPECIFICATION REV 2.0 (General Release)
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705BD7 Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button 68HC705BD7 Datasheet HTML 67Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 68Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 69Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 70Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 71Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 72Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 73Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 74Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 85 page
background image
SECTION 12: A/D CONVERTER
Page 61
MC68HC05BD7 Rev. 2.0
GENERAL RELEASE SPECIFICATION
SECTION 12
A/D CONVERTER
12.1
Introduction
The Analog-to-Digital Converter (ADC) system consists of four analog input channels and
a single 6-bit D/A Converter and Comparator, with continuous conversion. A result flag
indicates if the comparator output is above or below the analog Input. ADC is disabled by
setting AD5 to AD0 bits of ADC Control/Status Register to all 1’s. This disable function is
mainly for low power application.
Figure 12-1: Structure of A/D Converter
12.2
Input
The ADC has four multiplexed input channels. Only one of the four channels will be
selected by CHSL1 and CHSL0 bits as analog input.
12.2.1
ADC0-ADC3
The ADC0 to ADC3 inputs are multiplexed with the PC2 to PC5 port pins. They are selected
as ADC input then the corresponding AD0-AD3 bit in the CR2 register is one. The user can
use the CHSL1 and CHSL0 bits to select one of the four channels to do the A/D Conversion
and get the approximate digital value of each input channel.
+
-
Vdd
2R
R
R
R
2R
2R
2R
2R
RESULT
AD5
AD3
AD2
AD0
ADC0 or ADC1 or ADC2 or ADC3
R
2R
AD4
2R
AD1
R
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com