Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705BD7 Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc

Part # 68HC705BD7
Description  SPECIFICATION REV 2.0 (General Release)
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705BD7 Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button 68HC705BD7 Datasheet HTML 47Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 48Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 49Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 50Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 51Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 52Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 53Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 54Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 55Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 85 page
background image
SECTION 9: DDC12AB INTERFACE
Page 41
MC68HC05BD7 Rev. 2.0
GENERAL RELEASE SPECIFICATION
TXAK
Bit 3
If the transmit acknowledge enable bit (TXAK) is cleared, an
acknowledge signal will be sent out to the bus at the 9th clock
bit after receiving 8 data bits. When TXAK is set, no
acknowledge signal will be generated at the 9th clock (i.e.,
acknowledge bit = 1). Reset clears this bit.
SCLIEN
Bit 2
If the SCL Interrupt ENable bit (SCLIEN) is set, the interrupt
occurs provided the SCLIF in the status register is set and the
I-bit in the Condition Code Register is cleared. If SCLIEN is
cleared, the interrupt of SCLIF is disabled. Reset clears this
bit.
DDC1EN
Bit 1
When DDC1 protocol ENable (DDC1EN) is set, the VSYNC
input will be selected as clock input of DDC module. Its rising
edge will continuously clock out the data in the shift register.
No calling address comparison is performed. The RW bit in
the status register will be fixed to be one. If this bit is clear, the
SCLIF bit in the status register is also cleared. Reset clears
this bit.
9.3.3
DDC Master Control Register (DMCR)
The DMCR contains two interrupt flags, one bus status flag, two master mode control bits,
and three baudrate select bits.
ALIF
Bit 7
The Arbitration Loss Interrupt Flag is set when software
attempt to set MAST but the BB has been set by detecting the
start condition on the lines or when the DDC12AB module is
transmitting a ’one’ to SDA line but detected a ’zero’ from SDA
line in master mode, which is so called arbitration loss. This
bit can generate an interrupt request to cpu when the DIEN bit
in DCR register is set and I-bit in the Condition Code Register
is clear. This bit is cleared by writing ’0’ to it or by reset.
NAKIF
Bit 6
The No AcKnowledge Interrupt Flag is only set in master
mode when there is no acknowledge bit detected after one
data byte or calling address is transferred. This bit can
generate an interrupt request to cpu when the DIEN bit in
DCR register is set and I-bit in the Condition Code Register is
clear. This bit is cleared by writing ’0’ to it or by reset.
BB
Bit 5
The Bus Busy Flag is set after a start condition is detected,
and is reset when a stop condition is detected. This bit can
supplement the software in initiating the master mode
protocol. Reset clears this bit.
0
7
0000000
6543210
W
R
DMCR
$0016
reset
⇒
MRW
ALIF
NAKIF
BR2
BR1
BB
MAST
BR0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com