Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705BD7 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # 68HC705BD7
Description  SPECIFICATION REV 2.0 (General Release)
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705BD7 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button 68HC705BD7 Datasheet HTML 15Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 16Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 17Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 18Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 19Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 20Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 21Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 22Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 85 page
background image
SECTION 1: GENERAL DESCRIPTION
Page 9
MC68HC05BD7 Rev. 2.0
GENERAL RELEASE SPECIFICATION
1.2.12
PWM0**-PWM7**
These pins are dedicated for 8-bit PWM channels 0 to 7, which have +5V open-drain
software options. See SECTION 8 for a detailed description.
1.2.13
HSYNC, VSYNC
These two input pins are for video sync signals input from the host computer. The signals
will be used for video mode detection and output to HSYNO and VSYNO. The host
computer can also send a composite sync signal to the HSYNC input. This composite
signal will be separated internally. The polarity of the input signals can be either positive or
negative. These two pins contain internal Schmitt triggers as part of their inputs to improve
noise immunity. See SECTION 10 for a detail description.
1.3
Options
MC68HC05BD7 provides an option for IRQ interrupt edge only sensitivity or edge and level
sensitivity and one option register for individual PWM channels 0 to 7 to be programmed
as open-drain type output. The IRQ option is selected by setting the appropriate bit in the
MFTCSR register at address $0008 and the PWM open-drain option register is located at
address $0012.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com