Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705BD7 Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # 68HC705BD7
Description  SPECIFICATION REV 2.0 (General Release)
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705BD7 Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button 68HC705BD7 Datasheet HTML 41Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 42Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 43Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 44Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 45Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 46Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 47Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 48Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 85 page
background image
SECTION 7: INPUT/OUTPUT PORTS
Page 35
MC68HC05BD7 Rev. 2.0
GENERAL RELEASE SPECIFICATION
Table 7-1: I/O Pin Functions
NOTE:
A “glitch” can be generated on an I/O pin when changing it from an input
to an output unless the data register is first pre-conditioned to the desired
state before changing the corresponding DDR bit from a zero to a one.
7.6
Port C and D Configuration Register
Port C and Port D are shared with PWM, ADC, DDC12AB, and SYNC Processor. The
configuration registers at $0A and $0B are used to configure those I/O pins. They are
default to zero after poWer-on reset. Setting these bits will set the corresponding pins to
the corresponding functions. For example, setting SCL and SDA bits of register $0B will
configure Port D pins 1 and 0 as DDC12AB pins, regardless of DDR1 and DDR0 settings.
When any PWM8-PWM15 bits of CR1 register are set, the corresponding pins of port C
become the PWM output if the corresponding bits in CR2 register are clear. When the pin
is defined as PWM channel, it become an output only pin. When any ADC3-ADC0 bits of
the CR2 register are set, the corresponding pins of port C become the ADC input channels.
When HSYNO or VSYNO is set, the PC2 or PC3 becomes the output of HSYNC or VSYNC
accordingly, see SECTION 10 for the detail description of HSYNO and VSYNO outputs.
When SCL and SDA bits of the CR2 register are set, the DDC12AB use these two pins as
clock and data pins. In summary, the configuration in the CR2 register has higher priority
than in the CR1 register.
R/W
DDR
I/O Pin Functions
0
0
The I/O pin is in input mode. Data is written into the output data latch.
0
1
Data is written into the output data latch and output to the I/O pin.
1
0
The state of the I/O pin is read.
1
1
The I/O pin is in output mode. The output data latch is read.
W
R
CR1
$000A
reset
⇒
PWM15
0
7
00
54
0
0000
6
3210
PWM14
PWM11
PWM10
PWM9
PWM8
PWM13
PWM12
W
R
CR2
$000B
reset
⇒
0
7
00
54
0
0000
6
3210
ADC2
SCL
SDA
ADC1
ADC0
HSYNO
VSYNO
ADC3
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com