Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705BD7 Datasheet(PDF) 78 Page - Freescale Semiconductor, Inc

Part # 68HC705BD7
Description  SPECIFICATION REV 2.0 (General Release)
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705BD7 Datasheet(HTML) 78 Page - Freescale Semiconductor, Inc

Back Button 68HC705BD7 Datasheet HTML 74Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 75Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 76Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 77Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 78Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 79Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 80Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 81Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 82Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 85 page
background image
SECTION 13: ELECTRICAL SPECIFICATIONS
Page 68
GENERAL RELEASE SPECIFICATION
MC68HC05BD7 Rev. 2.0
13.5
DDC12AB TIMING
(VDD = 5.0 Vdc ±10%, VSS = 0Vdc, TA = 0˚C to +70˚C, unless otherwise noted
13.5.1
DDC12AB Interface Input Signal Timing
13.5.2
DDC12AB Interface Output Signal Timing
NOTE:
1. With 200 pF loading on the SDA/SCL pins
Parameter
Symbol
Min
Max
Units
START condition hold time
tHD.STA
2—
tCYC
Clock low period
tLOW
4—
tCYC
Clock high period
tHIGH
4—
tCYC
Data set up time
tSU.DAT
250
—
ns
Data hold time
tHD.DAT
0—
ns
START condition set up time (for repeated START condition only)
tSU.STA
2—
tCYC
STOP condition set up time
tSU.STO
2—
tCYC
Parameter
Symbol
Min
Max
Units
SDA / SCL rise time (see NOTE 1)
tR
—
1.0
µs
SDA / SCL fall time (see NOTE 1)
tF
—
300
ns
Data set up time
tSU.DAT
tLOW
—ns
Data hold time
tHD.DAT
0—
ns
tHD.STA
tLOW
tHIGH
tSU.DAT
tHD.DAT
tSU.STO
SDA
SCL
tSU.STA
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com