Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705BD7 Datasheet(PDF) 76 Page - Freescale Semiconductor, Inc

Part # 68HC705BD7
Description  SPECIFICATION REV 2.0 (General Release)
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705BD7 Datasheet(HTML) 76 Page - Freescale Semiconductor, Inc

Back Button 68HC705BD7 Datasheet HTML 72Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 73Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 74Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 75Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 76Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 77Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 78Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 79Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 80Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 85 page
background image
SECTION 13: ELECTRICAL SPECIFICATIONS
Page 66
GENERAL RELEASE SPECIFICATION
MC68HC05BD7 Rev. 2.0
13.3
DC Electrical Characteristics
(VDD = 5.0 Vdc ±10%, VSS = 0Vdc, TA = 0˚C to +70˚C, unless otherwise noted)
NOTES:
1. All values shown reflect average measurements.
2. Typical values at midpoint of voltage range, 25
°C only.
3. Wait IDD: Only timer system and SSP active.
4. Run (Operating) IDD, Wait IDD: Measured using external square wave clock source to EXTAL (fOSC = 4.2 MHz),
all inputs 0.2 VDC from rail; no DC loads, less than 50pF on all outputs, CL = 20 pF on EXTAL.
5. Wait IDD: All ports configured as inputs, VIL = 0.2 VDC, VIH = VDD-0.2 VDC.
6. Wait IDD is affected linearly by the EXTAL capacitance.
Characteristic
Symbol
Min
Typ
Max
Unit
Output High Voltage (ILoad = -5.0 mA)
PA0-PA7, PB0-PB1, PC2-PC7, PWM0-PWM7
VOH
VDD–0.8
—
—
V
Output Low Voltage (ILoad = 5.0 mA for +5V pins and
ILoad = 10.0 mA for +12V open-drain pins)
PA0-PA7, PB0-PB5, PC0-PC7, PD0-PD3, PWM0-
PWM7
VOL
—
—
0.5
V
Input High Voltage
PA0-PA7, PB0-PB5, PC0-PC7, PD0-PD1, RESET,
IRQ, EXTAL
(TTL Level) VSYNC, HSYNC, SOG
SDA,SCL
VIH
VIH
VIH
0.8 x VDD
2.0
0.8 x VDD
—
—
—
VDD
VDD
VDD
V
V
V
Input Low Voltage
PA0-PA7, PB0-PB5, PC0-PC7, PD0-PD3, RESET,
IRQ, EXTAL
(TTL Level) VSYNC, HSYNC, SOG
SDA,SCL
VIL
VSS
VSS
VSS
—
—
—
0.2 x VDD
0.8
0.2 x VDD
V
V
V
Supply Current (see Notes)
Run
Wait
IDD
IDD
—
—
8
4
20
8
mA
mA
I/O Ports Hi-Z Leakage Current
PA0-PA7, PB0-PB5, PC0-PC7, PD0-PD3
IOZ
——
10
µA
Input Current
RESET, IRQ, EXTAL, VSYNC, HSYNC
IIN
——
1
µA
Capacitance
Ports (as Input or Output), RESET, IRQ, EXTAL, XTAL
HSYNC, VSYNC
COUT
CIN
—
—
—
—
12
8
pF
pF
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com