Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705BD7 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # 68HC705BD7
Description  SPECIFICATION REV 2.0 (General Release)
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705BD7 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button 68HC705BD7 Datasheet HTML 10Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 11Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 12Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 13Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 14Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 15Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 16Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 17Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 85 page
background image
SECTION 1: GENERAL DESCRIPTION
Page 4
GENERAL RELEASE SPECIFICATION
MC68HC05BD7 Rev. 2.0
Figure 1-1: MC68HC05BD7 Block Diagram
PB0
PB1
PB2*
PB3*
PB4*
PB5*
OSCILLATOR
AND DIVIDE
BY 2
DATA
DIR
REG
PORT
B
REG
EXTAL XTAL
CORE
TIMER
(COP)
RAM
256 bytes for HC05BD2
384 bytes for HC05BD7
384 bytes for HC705BD7
5.75K-bytes ROM for
HC05BD2
11.75K-bytes ROM
for HC05BD7
11.5K-bytes EPROM
for HC705BD7
PA0
PA1
PA2
PA3
PA4
PA5
PA6
PA7
DATA
DIR
REG
PORT
A
REG
PC0*/PWM8*
PC1*/PWM9*
PC2/PWM10/ADC0
PC3/PWM11/ADC1
PC4/PWM12/ADC2
PC5/PWM13/ADC3
PC6/PWM14/VSYNO
PC7/PWM15/HSYNO
DATA
DIR
REG
PORT
C
REG
RESET IRQ/VPP
Pulse
Width
Modulation
(PWM)
SYNC
PROCESSOR
HSYNC
VSYNC
VDD
VSS
STK PTR
COND CODE REG 1 1 1
I N Z C
H
INDEX REG
CPU CONTROL
0 0 0
1
1
0
0
0
0
0
ALU
68HC05 CPU
ACCUM
PROGRAM COUNTER
CPU REGISTERS
DDC12AB
PWM0**
PWM1**
PWM2**
PWM3**
PWM4**
PWM5**
PWM6**
PWM7**
PORT
D
REG
DATA
DIR
REG
PD1*/SCL*
PD0*/SDA*
*: +12V open-drain
PD3*/SOG
PD2***/CLAMP
6-bit ADC
**: +5V open-drain option
***: +5V open-drain
IRQ/VPP: VPP valid for HC705 version only, not used for HC05 version
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com