Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705BD7 Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # 68HC705BD7
Description  SPECIFICATION REV 2.0 (General Release)
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705BD7 Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button 68HC705BD7 Datasheet HTML 49Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 50Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 51Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 52Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 53Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 54Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 55Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 56Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 85 page
background image
SECTION 9: DDC12AB INTERFACE
Page 43
MC68HC05BD7 Rev. 2.0
GENERAL RELEASE SPECIFICATION
9.3.4
DDC Status Register (DSR)
This status register is readable only. All bits are cleared upon reset except bit 3 (RXAK) and
bit 1 (TXBE).
RXIF
Bit 7
The data Receive Interrupt Flag (RXIF) is set after the DDRR
is loaded with a newly received data. Once the DDRR is
loaded with received data, no more received data can be
loaded to the DDRR register. The only way to release the
DDRR register for loading next received data is that software
reads the data from the DDRR register to clear RXBF flag.
This bit is cleared by writing ’0’ to it or when the DEN is
disabled.
TXIF
Bit 6
The data Transmit Interrupt Flag is set before the data of the
DDTR register is downloaded to the shift register. It is
software’s responsibility to fill the DDTR register with new
data when this bit is set. This bit is cleared by writing ’0’ to it
or when the DEN is disabled.
MATCH
Bit 5
The MATCH flag is set when the received data in the DDRR
register is an calling address which matches with the address
or its extended addresses (EXTAD=1) specified in the DADR
register.
SRW
Bit 4
The Slave RW bit will indicate the data direction of DDC
protocol. It is updated after the calling address is received in
the DDC2 protocol. When it is one, the master will read the
data from DDC module, so the module is in transmit mode.
When it is zero, the master will send data to the DDC module,
the module is in receive mode. When DDC1EN is set, the
SRW bit will be one. The reset state of it is zero.
RXAK
Bit 3
If the received acknowledge bit (RXAK) is low, it indicates an
acknowledge signal has been received after the completion of
8 data bits transmission on the bus. If RXAK is high, it
indicates no acknowledge signal has been detected at the 9th
clock. Then the module will release the SDA line for the
master to generate ’stop’ or ’repeated start’ condition. It is set
upon reset.
SCLIF
Bit 2
This SCLIF flag is set by the falling edge of SCL line only
when DDC1EN is enabled. This bit is cleared by writing zero
to it, clearing DDC1EN bit or when the DEN is disable.
0
7
TXBE
0001010
6543210
RXBF
W
R
DSR
$0019
reset
⇒
SCLIF
MATCH
RXAK
SRW
TXIF
RXIF
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com