Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705BD7 Datasheet(PDF) 68 Page - Freescale Semiconductor, Inc

Part # 68HC705BD7
Description  SPECIFICATION REV 2.0 (General Release)
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705BD7 Datasheet(HTML) 68 Page - Freescale Semiconductor, Inc

Back Button 68HC705BD7 Datasheet HTML 64Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 65Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 66Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 67Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 68Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 69Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 70Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 71Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 72Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 85 page
background image
SECTION 11: MULTI-FUNCTION TIMER
Page 58
GENERAL RELEASE SPECIFICATION
MC68HC05BD7 Rev. 2.0
$FF to $00. A CPU interrupt request will be generated if
TOFIE is set. TOF is a clearable, read-only status bit. Clearing
the TOF is done by writing a ’0’ to TOF.
RTIF
bit 6
Real Time Interrupt Flag indicates if the output of the RTI
circuit goes active. The clock frequency that drives the RTI
circuit is E/2,048, giving a maximum interrupt period of 1.024
milliseconds at a bus rate of 2 MHz. A CPU interrupt request
will be generated if RTIE is set. RTIF is a clearable, read-only
status bit. Clearing the RTIF is done by writing a ’0’ to RTIF.
TOFIE
bit 5
When Timer Over Flow Interrupt Enable (TOFIE) bit is set, the
TOF flag is enabled to generate an interrupt request to the
CPU. When TOFIE is cleared, the TOF flag is prevented from
generating an interrupt request.
RTIE
bit 4
When Real Time Interrupt Enable (RTIE) is set, the RTIF flag
is enabled to generate an interrupt request to the CPU. When
RTIE is cleared, the RTIF flag is prevented from generating an
interrupt request.
IRQN
bit 3
0 = Both level and edge triggering are detected for external
interrupt (IRQ).
1 = Only edge triggering is detected for external interrupt.
INHIRQ
bit 2
The INHibit IRQ bit will inhibit the external interrupt input.
When it is set, no active falling edge or low period will be
recognized as interrupt request. It is possible for a low state
input on the IRQ pin to be seen as a falling edge event when
the INHIRQ bit changes from one to zero, see Figure 4-2 for
reference. Reset clears this bit.
RT1-0
bit 1,0
These two bits are used to define real time interrupt rate as
well as COP reset rate as tabulated in Table 11-1. Reset sets
these two bits for the slowest watchdog reset rate. Note that
the minimal COP reset period is determined by dividing the
COP master clock, which is the real time interrupt clock, by
63(63=64-1). The reason is that COP reset operation is
asynchronous to COP master clock edge. Therefore it is
possible that right after COP reset operation, a COP master
clock edge arrives to start counting COP period. The effective
count of the divide-by-64 counter is hence 63 rather than 64.
RT1, RT0 should only be changed right after COP timer has
been reset; otherwise, unpredictable result will occur.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com