Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6402 Datasheet(PDF) 203 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 203 Page - Intel Corporation

Back Button 6402 Datasheet HTML 199Page - Intel Corporation 6402 Datasheet HTML 200Page - Intel Corporation 6402 Datasheet HTML 201Page - Intel Corporation 6402 Datasheet HTML 202Page - Intel Corporation 6402 Datasheet HTML 203Page - Intel Corporation 6402 Datasheet HTML 204Page - Intel Corporation 6402 Datasheet HTML 205Page - Intel Corporation 6402 Datasheet HTML 206Page - Intel Corporation 6402 Datasheet HTML 207Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 250 page
background image
Intel® 6400/6402 Advanced Memory Buffer Datasheet
203
Registers
14.5.3.6
TEMP: Temperature A/D
Current temperature reading. This 8-bit value with 0.5 degree of resolution is
continuously and automatically kept up to date by AMB hardware.
14.6
Implementation Specific DDR Initialization and
Calibration Registers (Function 4)
14.6.1
DDR Calibration
14.6.1.1
DCALCSR: DCAL Control and Status
Device:
NodeID
Function: 3
Offset:
85h
Bit
Attr
Default
Description
7:0
RO
00h
DEGREES: Current temperature - binary encode 0 - 127.5 degrees C
Device:
NodeID
Function: 4
Offset:
40h
Bit
Attr
Default
Description
31
RWS
0
START: Start Operation
When set to 1 by software, the operation selected by the dcalcsr.opcode is
initiated. Hardware clears this bit when the operation is complete.
30:28
RW
0
FAIL: Completion Status
1xx = Fail, 0xx = Pass
27
RW
0
BASPAT: This controls which data pattern is used for the DQS Delay
calibration. Setting this field enables the use of the basic data pattern
selected by the DCALCSR.PATTERN bits. When cleared, the extended data
pattern specified in the DDQSCVDP and DDQSCADP registers is used.
26
RW
00
RSTREGSS: Reset DCALDATA CSR in single step calibration mode. This bit
should be set during the first step of a single step calibration. It will enable
hardware to clear all registers and status bits during the calibration step
the same way hardware does on the first step of an automatic “all passes”
calibration.
25:24
RW
0
CHSEL: This field defines bus folding. This function is obsolete and is not
supported.
23
RW
0
SGLSTP: Single Step Calibration Operation
Applies only to Receive enable, DQS cal, and I/O loopback
“1” = Single step - a single step of the algorithm selected by the OPCODE
is run by hardware. No data analysis is run.
“0” = All passes - all steps of the algorithm selected by the OPCODE is run
by hardware including data analysis.
22:21
RW
00
CS: Rank select
This field corresponds to the chip select outputs: CS[1:0]. Setting a bit in
this field will cause the corresponding CS pin to drive low when commands
are issued on the DDR bus. This field Applies to NOP, Refresh, Precharge
all, and MRS/EMRS commands. It also applies to Receive Enable, and DQS
Delay cal in single step mode.
20
RV
0
Reserved
19
RW
0
A0_DQSCAL: revert to A0 DQSCAL algorithm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com