Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6402 Datasheet(PDF) 201 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 201 Page - Intel Corporation

Back Button 6402 Datasheet HTML 197Page - Intel Corporation 6402 Datasheet HTML 198Page - Intel Corporation 6402 Datasheet HTML 199Page - Intel Corporation 6402 Datasheet HTML 200Page - Intel Corporation 6402 Datasheet HTML 201Page - Intel Corporation 6402 Datasheet HTML 202Page - Intel Corporation 6402 Datasheet HTML 203Page - Intel Corporation 6402 Datasheet HTML 204Page - Intel Corporation 6402 Datasheet HTML 205Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 250 page
background image
Intel® 6400/6402 Advanced Memory Buffer Datasheet
201
Registers
14.5.2.26 MB_ERR_DATA33: Memory Test Error Data 3 Bytes [15:12]
Stores the fourth 32 bits of the 4th 144 bit failure data.
14.5.2.27 MB_ERR_DATA34: Memory Test Error Data 3 Bytes [17:16]
Stores the last 16 bits of the 4th 144 bit failure data.
14.5.3
Thermal Sensor Registers
14.5.3.1
TEMPLO: Temperature Low Trip Point
Low trip point.
14.5.3.2
TEMPMID: Temperature Mid Trip Point
Mid trip point.
14.5.3.3
TEMPHI: Temperature High Trip Point
High trip point.
Device:
NodeID
Function: 3
Offset:
F8h
Bit
Attr
Default
Description
31:0
RWST
0000h
DATA: Late failure data [63:32]
Device:
NodeID
Function: 3
Offset:
FCh
Bit
Attr
Default
Description
15:0
RWST
0000h
DATA: Late failure data [71:64] & Early failure data [71:64]
Device:
NodeID
Function: 3
Offset:
80h
Bit
Attr
Default
Description
7:0
RWST
FFh
TEMPLO: Low threshold trip point
Device:
NodeID
Function: 3
Offset:
81h
Bit
Attr
Default
Description
7:0
RWST
FFh
TEMPMID: Mid threshold trip point
Device:
NodeID
Function: 3
Offset:
82h
Bit
Attr
Default
Description
7:0
RWST
FFh
TEMPHI: High threshold trip point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com