Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6402 Datasheet(PDF) 197 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 197 Page - Intel Corporation

Back Button 6402 Datasheet HTML 193Page - Intel Corporation 6402 Datasheet HTML 194Page - Intel Corporation 6402 Datasheet HTML 195Page - Intel Corporation 6402 Datasheet HTML 196Page - Intel Corporation 6402 Datasheet HTML 197Page - Intel Corporation 6402 Datasheet HTML 198Page - Intel Corporation 6402 Datasheet HTML 199Page - Intel Corporation 6402 Datasheet HTML 200Page - Intel Corporation 6402 Datasheet HTML 201Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 250 page
background image
Intel® 6400/6402 Advanced Memory Buffer Datasheet
197
Registers
14.5.2.6
MBLFSRSED: Memory Test Circular Shift and LFSR Seed
14.5.2.7
MBFADDRPTR: Memory Test failure Address Pointer Register
14.5.2.8
MB_ERR_DATA00: Memory Test Error Data 0 Bytes [3:0]
Stores the first 32 bits of the 1st 144 bit failure data Research: compare all
register[definitions to table.]
14.5.2.9
MB_ERR_DATA01: Memory Test Error Data 0 Bytes [7:4]
Stores the second 32 bits of the 1st 144 bit failure data.
Device:
NodeID
Function: 3
Offset:
A4h
Bit
Attr
Default
Description
31:0
RWST
0000h
DMBLFSRSED:MemBIST LFSR Seed
This 32 bit register will be used as the initial data seed for LFSR or Circular shift
data pattern.
Device:
NodeID
Function: 3
Offset:
A8h
Bit
Attr
Default
Description
31:0
RWST
0000h
DMBFADDRPTR: This 32 bit register designates which MemBIST failures to log in
the available failure address locations.
The default value of this register is zero. It means MemBIST always logs beginning
with the first failure. If it is programmed to hex A (10 in decimal), MemBIST will log
failures starting from the11th failure.
The corresponding MB_ERR_DATA0 register will log corrupted data in the first
designated failure address.
Note: this register does not affect the MBDATA failure bit location accumulators.
Device:
NodeID
Function: 3
Offset:
B0h
Bit
Attr
Default
Description
31:0
RWST
0000h
DATA: Early failure data [31:0]
Device:
NodeID
Function: 3
Offset:
B4h
Bit
Attr
Default
Description
31:0
RWST
0000h
DATA: Early failure data [63:32]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com