Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6402 Datasheet(PDF) 194 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 194 Page - Intel Corporation

Back Button 6402 Datasheet HTML 190Page - Intel Corporation 6402 Datasheet HTML 191Page - Intel Corporation 6402 Datasheet HTML 192Page - Intel Corporation 6402 Datasheet HTML 193Page - Intel Corporation 6402 Datasheet HTML 194Page - Intel Corporation 6402 Datasheet HTML 195Page - Intel Corporation 6402 Datasheet HTML 196Page - Intel Corporation 6402 Datasheet HTML 197Page - Intel Corporation 6402 Datasheet HTML 198Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 250 page
background image
Registers
194
Intel® 6400/6402 Advanced Memory Buffer Datasheet
14.5.2.3
MBDATA[9:0]: Memory Test Data
Device:
NodeID
Function: 3
Offset:
44h
Bit
Attr
Default
Description
31:16
RWST
0000h
ROW: Row Address 15:0
15
RWST
0
SPARE:
14:3
RWST
0000h
COL: Column Address
BL8[14:3] <==> DRAM Column Address 15:11,9:3
BL4[14:3] <==> DRAM Column Address 14:11,9:2
2:0
RWST
000
BA: Bank Address 2:0
Device:
NodeID
Function: 3
Offset:
6Ch, 68h, 64h, 60h,5Ch, 58h, 54h, 50h,4Ch, 48h
Bit
Attr
Default
Description
31:0
RWST
0000h
DATA: see functional description below for definition by mode and register
Reg
Bit
Offset
Description by mode
(note: MBCSR.dtype, MBCSR.mbdata and MBCSR.enable288 select mode)
Fixed Data
Pattern
144 bit User
Defined Pattern
Circular Shift
LFSR
288 bit User
defined pattern
MBDATA9 31:0
6Ch
5th Fail address
User defined Late
data [71:64] &
Early data [71:64]
Word4 Circular
shift data
LFSR random Late
data [71:64] &
Early data [71:64]
User defined Late
data [71:64] (2nd
burst data) &
Early data [71:64]
(2nd burst data)
MBDATA8 31:0
68h
Late data [71:64]
& Early data
[71:64] Failure bit
location
accumulator
5th Fail address
Or
Late data [71:64]
& Early data
[71:64] Failure bit
location
accumulator
5th Fail address
Or
Late data [71:64]
& Early data
[71:64] Failure bit
location
accumulator
5th Fail address
Or
Late data [71:64]
& Early data
[71:64] Failure bit
location
accumulator
User defined Late
data [71:64] (1st
burst data) &
Early data [71:64]
(1st burst data)
MBDATA7 31:0
64h
Fail address 4
User defined Late
data [63:32]
DW3 Circular shift
data
LFSR random Late
data [63:32]
User defined Late
data [63:32]
(2nd burst data)
MBDATA6 31:0
60h
Fail address 3
User defined Late
data [31:0]
DW2 Circular shift
data
LFSR random Late
data [31:0]
User defined Late
data [31:0]
(2nd burst data)
MBDATA5 31:0
5Ch
Fail address 2
User defined Early
data [63:32]
DW1 Circular shift
data
LFSR random
Early data [63:32]
User defined Early
data [63:32]
(2nd burst data)
MBDATA4 31:0
58h
Fail address 1
User defined Early
data [31:0]
DW0 Circular shift
data
LFSR random
Early data [31:0]
User defined Early
data [31:0]
(2nd burst data)
MBDATA3 31:0
54h
Late data [63:32]
Failure bit location
accumulator
Fail address 4
Or
Late data [63:32]
Failure bit location
accumulator
Fail address 4
Or
Late data [63:32]
Failure bit location
accumulator
Fail address 4
Or
Late data [63:32]
Failure bit location
accumulator
User defined Late
data [63:32]
(1st burst data)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com