Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6402 Datasheet(PDF) 190 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 190 Page - Intel Corporation

Back Button 6402 Datasheet HTML 186Page - Intel Corporation 6402 Datasheet HTML 187Page - Intel Corporation 6402 Datasheet HTML 188Page - Intel Corporation 6402 Datasheet HTML 189Page - Intel Corporation 6402 Datasheet HTML 190Page - Intel Corporation 6402 Datasheet HTML 191Page - Intel Corporation 6402 Datasheet HTML 192Page - Intel Corporation 6402 Datasheet HTML 193Page - Intel Corporation 6402 Datasheet HTML 194Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 250 page
background image
Registers
190
Intel® 6400/6402 Advanced Memory Buffer Datasheet
27:24
RWST
0
CLKDIS: clock[3:0] output disable
23
RWST
0
SEQADDR: When set to 1 turns off address balancing on address bit A0 to support
DRAMs programmed for Sequential Burst Type
22
RWST
0
DQSHALFGAIN: - select for DQS differential amplifier gain. When set to 0
the amplifier gain is cut half to support differential strobes for DDR2
Note: the sense of this field is inverted from past DDR designs so that BIOS
supporting generic AMBs do not have to write a “1” to what is a “reserved”
field on other AMBs
21
RW
0
TESTMODE: When set to 1 the LEGSEL output of the DDR comp block selects one
of eight driver legs to enable. This bit can be used in conjunction with the
DRAMISCTL.DRVOVR bits to override the LEGSEL output generated by the comp
block.
20
RWST
0
19
RWST
0
RWPRDIS: Read/Write pointer reset disable
Disables the resetting of DDR cluster FIFO read and write pointers during normal
operation that occurs when a READ command finishes executing and no additional
READ commands are in process.
18
RWST
1
ODTZ: On-Die Termination Strength.
“0”
Disabled
“1”
Enabled
17
RWST
0
HLDDIS: command/address hold disable
Disabling hold will allow the address and bank address pins to revert to all zeros (all
ones on the balanced address copy) during idle cycles. When hlddis is clear, the
addresses retain the value of the last non-idle command cycle in order to reduce
switching on the bus.
16
RWST
0
BALDIS: command/address balancing disable
15
RW
0
CADIS: command/address output disable
14
RW
0
CSDIS: chip select output disable
13
RW
0
ODTDIS: ODT output disable
12
RWST
1
CKEFRCLOW: CKE Force Low
Forces CKE low. Must be cleared to enable normal DDR functionality. This bit
overrides the CKE1 and CKE0 fields described below, and also overrides all channel
commands and other hardware functions that would otherwise affect the state of
the CKE outputs.
11
RW
0
CKEDIS: CKE output disable
10
RWST
0
CKE1: CKE output 1 control and status. Software can write to this bit to change the
state of the CKE 1 output. Hardware will update this bit with the current status of
the CKE1 output two core cycles after a channel command or other hardware
function changes the state of the CKE1 output.
‘1’ = CKE1 pads asserted.
‘0’ = CKE1 pads de-asserted.
9RWST
0
CKE0: CKE output 0 control and status. Software can write to this bit to change the
state of the CKE 0 output. Hardware will update this bit with the current status of
the CKE 0 output two core cycles after a channel command or other hardware
function changes the state of the CKE 0 output.
‘1’ = CKE0 pads asserted.
‘0’ = CKE0 pads de-asserted.
8RWST
0
BL: DRAM burst length.
‘1’ = bl8
‘0’ = bl4
7:4
RWST
2h
AL: DRAM Additive Latency [3:0]
Note: This AL value is sampled during TS2 training sequences to set timing for FBD
link data returns. Changes to AL after this time will not effect FBD link data return
timing until the next TS2 sequence following link reset.
Device:
NodeID
Function: 3
Offset:
7Ch
Bit
Attr
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com