Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6402 Datasheet(PDF) 186 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 186 Page - Intel Corporation

Back Button 6402 Datasheet HTML 182Page - Intel Corporation 6402 Datasheet HTML 183Page - Intel Corporation 6402 Datasheet HTML 184Page - Intel Corporation 6402 Datasheet HTML 185Page - Intel Corporation 6402 Datasheet HTML 186Page - Intel Corporation 6402 Datasheet HTML 187Page - Intel Corporation 6402 Datasheet HTML 188Page - Intel Corporation 6402 Datasheet HTML 189Page - Intel Corporation 6402 Datasheet HTML 190Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 250 page
background image
Registers
186
Intel® 6400/6402 Advanced Memory Buffer Datasheet
14.5
DDR and Miscellaneous Registers (Function 3)
14.5.1
Memory Registers
14.5.1.1
DAREFTC: DRAM Auto-Refresh Timing and Control
14.5.1.2
DSREFTC: DRAM Self-Refresh Timing and Control
14.5.1.3
MTR: Memory Technology Register
This register provides a local definition of the organization of DIMMs. This DRAM
configuration information is used for MemBIST and DDR calibration.
Device:
NodeID
Function: 3
Offset:
70h
Bit
Attr
Default
Description
31
RV
0
Reserved
30
RWST
0
REFDERR: refresh buffer overflow error
29
RWST
0
REFIERR: buffer count greater than the number of installed ranks
28
RWST
0
ORIDEHS: override handshake; auto-refresh wins arbitration for
command bus
27:24
RWST
0
RBUF: number of pending refreshes for all ranks combined
23:16
RWST
4Eh
TRFC: DRAM refresh period
15
RW
0
AREFEN: auto-refresh enable
14:0
RWST
0C30h
TREFI: DRAM refresh interval
Device:
NodeID
Function: 3
Offset:
74h
Bit
Attr
Default
Description
23:17
RV
0
Reserved
16
RWST
1
DISSREXIT: Disable DRAM Self-Refresh Exit when the link comes up
15:8
RWST
56h
TXSNR: DRAM Self-Refresh Exit to Non-Read Command Timing
7:4
RWST
Fh
TRP: DRAM Precharge Timing
3RV
0
Reserved
2:0
RWST
7h
TCKE: DRAM Minimum CKE Pulse Width
Device:
NodeID
Function: 3
Offset:
77h
Bit
Attr
Default
Description
7RV
0
Reserved
6
RWST
0
WIDTH: Technology – DRAM data width
Define the data width of SDRAMs within these DIMM’s
0 = x4 (4 bits wide)
1 = x8 (8 bits wide)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com