Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6402 Datasheet(PDF) 185 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 185 Page - Intel Corporation

Back Button 6402 Datasheet HTML 181Page - Intel Corporation 6402 Datasheet HTML 182Page - Intel Corporation 6402 Datasheet HTML 183Page - Intel Corporation 6402 Datasheet HTML 184Page - Intel Corporation 6402 Datasheet HTML 185Page - Intel Corporation 6402 Datasheet HTML 186Page - Intel Corporation 6402 Datasheet HTML 187Page - Intel Corporation 6402 Datasheet HTML 188Page - Intel Corporation 6402 Datasheet HTML 189Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 250 page
background image
Intel® 6400/6402 Advanced Memory Buffer Datasheet
185
Registers
14.3.5.2
CMD2DATACUR: Current Value of Command to Data Delay
This register has the current value of the command to data delay.
14.3.5.3
C2DINCRNXT: Next Value of Command to Data Delay Increment
This register has the next value of the command to data incremental delay. This will be
used after the next fast reset. This will be used by the last AMB to delay driving the
data beyond that specified in the command to data delay.
14.3.5.4
C2DINCRCUR: Current Value of Command to Data Delay Increment
This register has the current value of the command to data incremental delay. This will
be used by the last AMB to delay driving the data beyond that specified.
14.4
Implementation Specific FBD Registers (Function
2)
No register information is available for the implementation specific registers.
Device:
NodeID
Function: 1
Offset:
E9h
Bit
Attr
Default
Description
7:4
ROST
0h
DLYFRMS: Number of frames
This specifies full frame delay part of the command to data delay.
0 - 9: Valid delays
10 - 15: Reserved
3:0
ROST
0h
DLYFRAC: Fractional delay of command to data
This specifies fractional frame delay part of the command to data delay.
0 - 11: Specifies the delay in 1UI increments
12 - 15: Reserved
Device:
NodeID
Function: 1
Offset:
EAh
Bit
Attr
Default
Description
7:2
RV
0h
Reserved
1:0
RWST
0h
INCRDLY: Incremental Delay for command to data
0 - 3: Specifies the incremental delay in frames
Device:
NodeID
Function: 1
Offset:
EBh
Bit
Attr
Default
Description
7:2
RV
0h
Reserved
1:0
ROST
0h
INCRDLY: Incremental Delay for command to data
0 - 3: Specifies the incremental delay in frames



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com