Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6402 Datasheet(PDF) 187 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 187 Page - Intel Corporation

Back Button 6402 Datasheet HTML 183Page - Intel Corporation 6402 Datasheet HTML 184Page - Intel Corporation 6402 Datasheet HTML 185Page - Intel Corporation 6402 Datasheet HTML 186Page - Intel Corporation 6402 Datasheet HTML 187Page - Intel Corporation 6402 Datasheet HTML 188Page - Intel Corporation 6402 Datasheet HTML 189Page - Intel Corporation 6402 Datasheet HTML 190Page - Intel Corporation 6402 Datasheet HTML 191Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 250 page
background image
Intel® 6400/6402 Advanced Memory Buffer Datasheet
187
Registers
14.5.1.4
DRT: DRAM Timing Control
The DRAM Timing Control register is used to setup timing for MemBIST access to
DRAMs.
5
RWST
0
NUMRANK: Technology – Number of Ranks
Define the number of ranks within these DIMM’s
0 = single ranked
1 = double ranked
4
RWST
0
NUMBANK: Technology – Number of Banks
Define the number of banks within these DIMM’s
0 = 4 banks
1 = 8 banks
3:2
RWST
00
NUMROW: Technology – Number of Rows
Define the number of rows within these DIMM’s
00 = 8,192
01 = 16,384
10 = 32,768
11 = 65,536
1:0
RWST
00
NUMCOL: Technology – Number of Columns
Define the number of columns within these DIMM’s
00 = 1,024
01 = 2,048
10 = 4,096
11 = 8,192
Device:
NodeID
Function: 3
Offset:
77h
Bit
Attr
Default
Description
Device:
NodeID
Function: 3
Offset:
78h
Bit
Attr
Default
Description
31
RV
0
Reserved
30:29
RWST
00
TRAS: DRAM tRAS minimum required delay from active command to precharge
command. Delay cycles based on JEDEC DDRII spec 45 ns for DDRII 400/533/667.
Based on the latest JEDEC spec (JESD79-2, Sept 2003) for DDRII 800 MHz min
tRAS is not defined yet.
tRASMIN clocks delay:
00 => 18 for DDRII 800 MHz
01 => 15 for DDRII 667 MHz
10 => 12 for DDRII 533 MHz
11 => Reserved
28:27
RWST
00
TRTP: DRAM cell internal read to precharge command delay.
tRTP clocks delay:
00 => 2
01 => 3
10 => 4
11 => 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com