Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6402 Datasheet(PDF) 188 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 188 Page - Intel Corporation

Back Button 6402 Datasheet HTML 184Page - Intel Corporation 6402 Datasheet HTML 185Page - Intel Corporation 6402 Datasheet HTML 186Page - Intel Corporation 6402 Datasheet HTML 187Page - Intel Corporation 6402 Datasheet HTML 188Page - Intel Corporation 6402 Datasheet HTML 189Page - Intel Corporation 6402 Datasheet HTML 190Page - Intel Corporation 6402 Datasheet HTML 191Page - Intel Corporation 6402 Datasheet HTML 192Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 250 page
background image
Registers
188
Intel® 6400/6402 Advanced Memory Buffer Datasheet
26:24
RWST
000
BBRW: Back to Back Read-Write turn around.
This field determines the minimum number of CMDCLK between Read-Write
commands. The purpose of these 3 bits are to control the turnaround time on the
DQ bus.
Regular setting will be based on BL/2 + 2 tCK.
BL4: tR2W = 4 tCK
BL8: tR2W = 6 tCK
Command clocks apart based on the following encoding:
000 => 10
001 => 9
010 => 8
011 => 7
100 => 6
101 => 5
110 => 4
111 => 3 (stress mode, not recommended)
23
RV
0
Reserved
22:20
RWST
000
BBWR: Back to Back Write-Read turn around.
This field determines the minimum number of CMDCLK between Write-Read
commands. The purpose of these 3 bits are to control the turnaround time on the
DQ bus.
Regular setting will be based on (CL-1)+BL/2+tWTR.
Command clocks apart based on the following encoding:
000 => 12
001 => 11
010 => 10
011 => 9
100 => 8
101 => 7
110 => 6
111 => 5 (stress mode, not recommended
19
RV
0
Reserved
18:16
RWST
000
TWR: Twr DRAM Write Recovery delay
Overall delay clocks will be (CL+AL-1) +BL/2 + tWR from write command to
precharge command.
000 => 9
001 => 8
010 => 7
011 => 6
100 => 5
101 => 4
110 => 3
111 => 2
Device:
NodeID
Function: 3
Offset:
78h
Bit
Attr
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com