Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6402 Datasheet(PDF) 192 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 192 Page - Intel Corporation

Back Button 6402 Datasheet HTML 188Page - Intel Corporation 6402 Datasheet HTML 189Page - Intel Corporation 6402 Datasheet HTML 190Page - Intel Corporation 6402 Datasheet HTML 191Page - Intel Corporation 6402 Datasheet HTML 192Page - Intel Corporation 6402 Datasheet HTML 193Page - Intel Corporation 6402 Datasheet HTML 194Page - Intel Corporation 6402 Datasheet HTML 195Page - Intel Corporation 6402 Datasheet HTML 196Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 250 page
background image
Registers
192
Intel® 6400/6402 Advanced Memory Buffer Datasheet
26:24
RW
000
ALGO: Embedded Algorithm selection:
Embedded Algorithm selection:
000 => No embedded algorithm is selected. Normal command will be executed
from the selection of MBCSR bits field [5:4]
001 => Scan: ^ (WD1); ^(RD2); ^ (WI3); ^ (RI4)
010 => Undefined
011 => Data Retention Write or Init: ^ (WD1);
100 => Data Retention Read : ^ (RD2);
101 => Mats +: ^(WD1); ^(RD2, WI3); v(RI4, WD5);
110 => March C-: ^(WD1); ^(RD2, WI3); ^(RI4, WD5);
v(RD6, WI7); v(RI8, WD9); v(RD10);
111 => Undefined
23:22
RV
00
Reserved
21:20
RW
00
CS: CS[1:0] selection in MemBIST mode
01: select Rank 0
10: select Rank 1
00: Reserved
11: Reserved
19
RW
0
INVERT: Invert data pattern when data is written out to DRAM.
18:16
RW
000
FIXED: Fixed data pattern selection for MemBIST operation
000 => 0
001 => F
010 => A
011 => 5
100 => C
101 => 3
110 => 9
111 => 6
15
RW
0
ENABLE288: Enable 288 bits user defined pattern for memory fill write only.
There is no data comparison, error logger functions for 288 bits user defined
data.
0 => 144 bits user defined data pattern when MBCSR[9:8] selects user defined
data.
1 => 288 bits user defined data pattern when MBCSR[9:8] selects user defined
data.
14
RW
0
MBDATA: Selects use of MBDATA for error log field for LFSR, Circular Shift and
user defined data modes. This field has no effect on fixed data patterns.
0 => use MBDATA0/1/2/3/8 for failure data bit location accumulator.
1 => use MBDATA0/1/2/3/8 to log 5 failure addresses.
13
RW
0
ABAR: MemBIST output address compliment for FastX, FastY, and FastXY.
Whenever this bit is enabled, Bank, Row, Column address will be inverted on
alternate addresses as described in the MemBIST chapter.
0 => Regular addressing
1 => Dynamic address inversion
12
RW
0
ADIR: Address decode direction for FastX, Fast Y, FastXY
0 => Address increments
1 => Address decrements
Device:
NodeID
Function: 3
Offset:
40h
Bit
Attr
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com