Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6402 Datasheet(PDF) 196 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 196 Page - Intel Corporation

Back Button 6402 Datasheet HTML 192Page - Intel Corporation 6402 Datasheet HTML 193Page - Intel Corporation 6402 Datasheet HTML 194Page - Intel Corporation 6402 Datasheet HTML 195Page - Intel Corporation 6402 Datasheet HTML 196Page - Intel Corporation 6402 Datasheet HTML 197Page - Intel Corporation 6402 Datasheet HTML 198Page - Intel Corporation 6402 Datasheet HTML 199Page - Intel Corporation 6402 Datasheet HTML 200Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 250 page
background image
Registers
196
Intel® 6400/6402 Advanced Memory Buffer Datasheet
• where the auto-precharge address bit 10 is assumed zero
• since data is logged in 144 bits (two chunks), Data chunk address bit zero is not
needed
14.5.2.4
MB_START_ADDR: Memory Test Start Address
MB_END_ADDR row and column address must be larger than MB_START_ADDR row
and column address in either increasing or deceasing address mode.
During FastX, FastY and FastXY operation, only one memory bank is tested. Specify the
desired bank in MB_START_ADDR[2:0]. MB_END_ADDR[2:0] is ignored.
This register is only used when MBCSR.atype = 2b’10, and when MBCSR.algo is
non-zero.
14.5.2.5
MB_END_ADDR: Memory Test End Address
This register is only used when MBCSR.atype = 2b’10, and when MBCSR.algo is
non-zero.
Table 14-13. BL8 Column and Chunk Correspondence to DRAM Address
Register Bit Location
12 11 10 9
8
7
6
5
4
3
2
1
0
DRAM Col Address
14 13 12 11 9
8
7
6
5
4
3
Data Chunk
2
1 X
Device:
NodeID
Function: 3
Offset:
9Ch
Bit
Attr
Default
Description
31:16
RWST
0000h
ROW: MemBIST Start Row Address 15:0
15
RV
0
Reserved
14:3
RWST
0000h
COL: MemBIST Start Column Address
BL8 [14:3] <==> Column Address 15:11, 9:3
BL4 [14:3] <==> Column Address 14:11, 9:2
2:0
RWST
000
BA: MemBIST Start Bank Address 2:0
Device:
NodeID
Function: 3
Offset:
A0h
Bit
Attr
Default
Description
31:16
RWST
0000h
ROW: MemBIST End Row Address 15:0
15
RV
0
Reserved
14:3
RWST
0000h
COL: MemBIST End Column Address
BL8 [14:3] <==> Column Address 15:11, 9:3
BL4 [14:3] <==> Column Address 14:11, 9:2
2:0
RWST
000
BA: MemBIST End Bank Address 2:0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com