Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6402 Datasheet(PDF) 198 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 198 Page - Intel Corporation

Back Button 6402 Datasheet HTML 194Page - Intel Corporation 6402 Datasheet HTML 195Page - Intel Corporation 6402 Datasheet HTML 196Page - Intel Corporation 6402 Datasheet HTML 197Page - Intel Corporation 6402 Datasheet HTML 198Page - Intel Corporation 6402 Datasheet HTML 199Page - Intel Corporation 6402 Datasheet HTML 200Page - Intel Corporation 6402 Datasheet HTML 201Page - Intel Corporation 6402 Datasheet HTML 202Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 250 page
background image
Registers
198
Intel® 6400/6402 Advanced Memory Buffer Datasheet
14.5.2.10 MB_ERR_DATA02: Memory Test Error Data 0 Bytes [11:8]
Stores the third 32 bits of the 1st 144 bit failure data.
14.5.2.11 MB_ERR_DATA03: Memory Test Error Data 0 Bytes [15:12]
Stores the fourth 32 bits of the 1st 144 bit failure data.
14.5.2.12 MB_ERR_DATA04: Memory Test Error Data 0 Bytes [17:16]
Stores the last 16 bits of the 1st 144 bit failure data.
14.5.2.13 MB_ERR_DATA10: Memory Test Error Data 1 Bytes [3:0]
Stores the first 32 bits of the 2nd 144 bit failure data.
14.5.2.14 MB_ERR_DATA11: Memory Test Error Data 1 Bytes [7:4]
Stores the second 32 bits of the 2nd 144 bit failure data.
Device:
NodeID
Function: 3
Offset:
B8h
Bit
Attr
Default
Description
31:0
RWST
0000h
DATA: Late failure data [31:0]
Device:
NodeID
Function: 3
Offset:
BCh
Bit
Attr
Default
Description
31:0
RWST
0000h
DATA: Late failure data [63:32]
Device:
NodeID
Function: 3
Offset:
C0h
Bit
Attr
Default
Description
15:0
RWST
0000h
DATA: Late failure data [71:64] & Early failure data [71:64]
Device:
NodeID
Function: 3
Offset:
C4h
Bit
Attr
Default
Description
31:0
RWST
0000h
DATA: Early failure data [31:0]
Device:
NodeID
Function: 3
Offset:
C8h
Bit
Attr
Default
Description
31:0
RWST
0000h
DATA: Early failure data [63:32]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com