Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6402 Datasheet(PDF) 202 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 202 Page - Intel Corporation

Back Button 6402 Datasheet HTML 198Page - Intel Corporation 6402 Datasheet HTML 199Page - Intel Corporation 6402 Datasheet HTML 200Page - Intel Corporation 6402 Datasheet HTML 201Page - Intel Corporation 6402 Datasheet HTML 202Page - Intel Corporation 6402 Datasheet HTML 203Page - Intel Corporation 6402 Datasheet HTML 204Page - Intel Corporation 6402 Datasheet HTML 205Page - Intel Corporation 6402 Datasheet HTML 206Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 250 page
background image
Registers
202
Intel® 6400/6402 Advanced Memory Buffer Datasheet
14.5.3.4
UPDATED: Update Temp Diff Bit
Take new temperature sample and update the temp diff bit (INCREASING).
14.5.3.5
TEMPSTAT: Thermal Sensor Status Register
This register controls and reports temperature status.
Device:
NodeID
Function: 3
Offset:
83h
Bit
Attr
Default
Description
7:1
RV
00h
reserved
0RWS
0
UPDATE:
Write ‘1’ =
a. latch current temperature from the TEMP register for comparison
on next UPDATE and
b. update INCREASING bit of TEMPSTAT register based on the current
temperature and the last latched temperature;
c. Automatically clears this bit to ‘0’ after INCREASING bit is updated;
Write ‘0’ - no effect
Device:
NodeID
Function: 3
Offset:
84h
Bit
Attr
Default
Description
7:6
RV
0
Reserved
5
RWST
0
NoAutoUpdate
‘1’ = turns off update of temp stat values so that forced values written in
by firmware are not overwritten
‘0’ = overtemp trip bits are continuously and automatically updated as
normal and increasing bit is updated through UPDATE register mechanism
4RW
0
INCREASING
‘1’ = Temperature has increased since the last time UPDATE bit was set in
UPDATED register.
‘0’ = Temperature has not increased since the last time UPDATE bit was set
in UPDATED register.
This is reflected as the Rising/Falling value in the Thermal Trip field of
northbound FBD status 0.
3RWST
0
OVERTEMPHI
‘1’ = Temperature is above or equal to TEMPHI.TRIP
‘0’ = Temperature is below TEMPHI.TRIP
2RWST
0
OVERTEMPMID
‘1’ = Temperature is above or equal to TEMPMID.TRIP
‘0’ = Temperature is below TEMPMID.TRIP
This is reflected in the Thermal Trip value of northbound FBD status 0
1RWST
0
OVERTEMPLO
‘1’ = Temperature is above or equal to TEMPLO.TRIP
‘0’ = Temperature is below TEMPLO.TRIP
This is reflected in the Thermal Trip value of northbound FBD status 0
0RWST
0
TEMPHIENABLE
‘1’ = Allow OVERTEMPHI=1 to shut down the DDR channel, drop DDR
commands, log an error, and take FBD links to EI.
‘0’ = OVERTEMPHI=1 only logs an error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com