Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6402 Datasheet(PDF) 184 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 184 Page - Intel Corporation

Back Button 6402 Datasheet HTML 180Page - Intel Corporation 6402 Datasheet HTML 181Page - Intel Corporation 6402 Datasheet HTML 182Page - Intel Corporation 6402 Datasheet HTML 183Page - Intel Corporation 6402 Datasheet HTML 184Page - Intel Corporation 6402 Datasheet HTML 185Page - Intel Corporation 6402 Datasheet HTML 186Page - Intel Corporation 6402 Datasheet HTML 187Page - Intel Corporation 6402 Datasheet HTML 188Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 250 page
background image
Registers
184
Intel® 6400/6402 Advanced Memory Buffer Datasheet
• Internal clock domain phase offsets
14.3.4.1
PERSBYTE[13:0]NXT: Personality Bytes
These bytes are loaded from SPD bytes 114:101 respectively.
(PERSBYTE13NXT = SPD byte 114, ... , PERSBYTE0NXT = SPD byte 101)
14.3.4.2
PERSBYTE[13:0]CUR: Personality Bytes
14.3.5
Hardware Configuration Registers
14.3.5.1
CMD2DATANXT: Next Value of Command to Data Delay
This register has the next value of the command to data delay. This will be used after
the next fast reset. For correct DIMM operation, CMD2DATA may be limited to a subset
of the architecturally valid values. The allowed values are AMB specific and may vary
with frequency. Values come from SPD.
Function: 1
Offset:
BDh:B0h
Bit
Attr
Default
Description
7:0
RWST
0
PData: Personality Data Byte
Implementation specific registers
Function: 1
Offset:
BDh:B0h
Bit
Attr
Default
Description
7:0
ROST
0
PData: Personality Data Byte
Implementation specific registers
Device:
NodeID
Function: 1
Offset:
E8h
Bit
Attr
Default
Description
7:4
RWST
0h
DLYFRMS: Number of frames
This specifies full frame delay part of the command to data delay.
0 - 9: Valid delays
10 - 15: Reserved
3:0
RWST
0h
DLYFRAC: Fractional delay of command to data
This specifies fractional frame delay part of the command to data delay.
0 - 11: Specifies the delay in 1UI increments
12 - 15: Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com