Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6402 Datasheet(PDF) 210 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 210 Page - Intel Corporation

Back Button 6402 Datasheet HTML 206Page - Intel Corporation 6402 Datasheet HTML 207Page - Intel Corporation 6402 Datasheet HTML 208Page - Intel Corporation 6402 Datasheet HTML 209Page - Intel Corporation 6402 Datasheet HTML 210Page - Intel Corporation 6402 Datasheet HTML 211Page - Intel Corporation 6402 Datasheet HTML 212Page - Intel Corporation 6402 Datasheet HTML 213Page - Intel Corporation 6402 Datasheet HTML 214Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 250 page
background image
Registers
210
Intel® 6400/6402 Advanced Memory Buffer Datasheet
14.6.1.4
DDBISTLM: DDR DLL BIST Limits
This register contains test limits for DDR DLL BIST.
14.6.1.5
RCVENAC: Receiver Enable Algorithm Control
This register contains controls for the preamble detection algorithm of the automatic
receiver enable logic. RCVENAC.PWIDTH is used to determine if a “low” pulse in a DQS
waveform is wide enough to be a preamble. RCVENAC.POFFSET is subtracted from the
DCALDATA first edge position result and programmed into the DRRTC registers.
DCALDATA I/O Loopback “All Bits Failed” detail
Bit
Description
7
Last “First All Bits Failed” Nibble. This bit is set if the nibble associated with this register is one of the
last to capture an entire data burst incorrectly during the test.
6
reserved
5:0
At the end of the test, this field will contain the minimum DQS delay setting that results all bits of a
burst to be captured incorrectly.
DCALDATA DLL BIST Core Counter detail
Bit
Description
15:0
At the end of the test this two byte register will contain the number of core cycles counted from the
time the associated DLL delay line outputs a “terminal count” number of self-oscillation cycles. The
terminal count is defined by the DDBISTLM.TCOUNT register.
Device:
NodeID
Function: 4
Offset:
90h
Bit
Attr
Default
Description
23:16
RWST
0Fh
TCOUNT: DLL delay line output terminal count
15:0
RWST
000Fh
CVAR: core count variation limit
Device:
NodeID
Function: 4
Offset:
94h
Bit
Attr
Default
Description
23:16
RWST
18h
PWIDTH: Minimum preamble width limit, used to detect if a low
pulse in a DQS waveform is wide enough to be a valid preamble. The
default corresponds to 3/4 of a DRAM clock cycle
15:14
RV
0h
Reserved
13:8
RWST
08h
HWIDTH: Minimum high pulse width limit, used to detect if a high
pulse in a DQS waveform is wide enough to indicate a strobe is
toggling in a valid manner. The default corresponds to 1/4 of a DRAM
clock cycle.
7:6
RV
0h
Reserved
5:0
RWST
10h
POFFSET: Preamble center offset from first rising edge, used to
position the DQS receiver enable relative to the preamble edge
location recorded in the DCALDATA registers. The default value
corresponds to 1/2 of a DRAM clock cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com