Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6402 Datasheet(PDF) 211 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 211 Page - Intel Corporation

Back Button 6402 Datasheet HTML 207Page - Intel Corporation 6402 Datasheet HTML 208Page - Intel Corporation 6402 Datasheet HTML 209Page - Intel Corporation 6402 Datasheet HTML 210Page - Intel Corporation 6402 Datasheet HTML 211Page - Intel Corporation 6402 Datasheet HTML 212Page - Intel Corporation 6402 Datasheet HTML 213Page - Intel Corporation 6402 Datasheet HTML 214Page - Intel Corporation 6402 Datasheet HTML 215Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 250 page
background image
Intel® 6400/6402 Advanced Memory Buffer Datasheet
211
Registers
14.6.1.6
DSRETC: DRAM Self-Refresh Extended Timing and Control
This register sets the timing of operations to different ranks while the auto-refresh FSM
controls the DRAM command bus. This allows power intensive commands to be
staggered. This register also contains the count for the auto-refresh FSM handshake
time out. The FSM will wait a maximum of the time out count before taking control of
the bus and issuing the command sequence to put the DRAMs into self-refresh. The
RSTREQERR bit of the DSREFTC CSR will be set if the time out count is reached.
14.6.1.7
DQSFAIL
There are two DQSFAIL registers that contain a total of 36 individual DQS failure status
bits. There is one status bit for each DQS signal pair on each rank. These bits are set
automatically by hardware during the receiver enable calibration if a valid DQS
waveform is not detected. Hardware will not clear any bits that are set prior to the
calibration even if a valid waveform is detected. Hardware uses the DQSFAIL
information to exclude calibration data during the data gathering portion and/or the
data analysis portion of the both the receiver enable and DQS delay calibrations. This
prevents a failed DQS pin from corrupting the calibration of neighboring functional DQS
pins that may share internal logic resources with a failing DQS pin.
14.6.1.8
DQSFAIL1: DQS Failure Configuration Register 1
Device:
NodeID
Function: 4
Offset:
98h
Bit
Attr
Default
Description
31:24
RV
0h
Reserved
23:16
RWST
14h
DRSRENT: dual rank self-refresh entry timing - stagger of commands
between ranks
15:8
RWST
14h
DRARTIM: dual rank auto-refresh timing- stagger of commands
between ranks
7:0
RWST
FFh
TREQERR: reset handshake time out count
(counts in x16 of core clock)
If times out - forces DRAMs into self-reset even if no handshake received
from MemBIST or other logic after link goes into fast reset
Device:
NodeID
Function: 4
Offset:
9Ch
Bit
Attr
Default
Description
7:4
RV
0h
Reserved
3RWST
0
r1dqs17: rank 1
2RWST
0
r1dqs08: rank 1
1RWST
0
r1dqs16: rank 1
0RWST
0
r1dqs07: rank 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com