Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6402 Datasheet(PDF) 214 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 214 Page - Intel Corporation

Back Button 6402 Datasheet HTML 210Page - Intel Corporation 6402 Datasheet HTML 211Page - Intel Corporation 6402 Datasheet HTML 212Page - Intel Corporation 6402 Datasheet HTML 213Page - Intel Corporation 6402 Datasheet HTML 214Page - Intel Corporation 6402 Datasheet HTML 215Page - Intel Corporation 6402 Datasheet HTML 216Page - Intel Corporation 6402 Datasheet HTML 217Page - Intel Corporation 6402 Datasheet HTML 218Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 250 page
background image
Registers
214
Intel® 6400/6402 Advanced Memory Buffer Datasheet
14.6.1.11 DRRTC00: Receive Enable Reference Output Timing Control Register
This register determines DQS12, 3, 11, 2, 10, 1, 9, & 0 input buffer enable timing delay
14.6.1.12 DRRTC01: Receive Enable Reference Output Timing Control Register
This register determines DQS16, 7, 15, 6, 14, 5, 13, & 4 input buffer enable timing
delay.
14.6.1.13 DRRTC02: Receive Enable Reference Output Timing Control Register
This register determines DQS17 & 8 input buffer enable timing delay.
14.6.1.14 DQS Calibration Registers
The DQSOFCS is a group of six registers that control the fine delay used to center DQS
edges to the DQ data eye during read operations. There is a delay entry for each nibble
of the DDR data bus for each rank. The coarse delay is controlled by the DRAMDLLC
register. The equations for the fine and coarse delays are shown below. Note that
“Delay Element” and “Delay_Uncomp” are defined in the DRRTC register section. Also
note that there is a separate coarse delay control for each “chunk” of the DDR I/O
cluster as defined in the DRAMDLLC register section.
slvlen_not_at_max[m] = DRAMDLLC.SLVLENm[2:0] < 7; where m is the DDR I/O
cluster chunk number
increment_slvlen[i,n] = slvlen_not_at_max AND ( DQSOFCSi.DQSn[3:0] > 7 ); where i
and n are the DQSOFCS register and DQS field numbers respectively
Device:
NodeID
Function: 4
Offset:
A4h
Bit
Attr
Default
Description
31:24
RWST
20h
RCVEN1203: receiver enable delay for DQS12 and 3
23:16
RWST
20h
RCVEN1102: receiver enable delay for DQS11 and 2
15:8
RWST
20h
RCVEN1001: receiver enable delay for DQS10 and 1
7:0
RWST
20h
RCVEN0900: receiver enable delay for DQS9 and 0
Device:
NodeID
Function: 4
Offset:
A8h
Bit
Attr
Default
Description
31:24
RWST
20h
RCVEN1607: receiver enable delay for DQS16 and 7
23:16
RWST
20h
RCVEN1506: receiver enable delay for DQS15 and 6
15:8
RWST
20h
RCVEN1405: receiver enable delay for DQS14 and 5
7:0
RWST
20h
RCVEN1304: receiver enable delay for DQS13 and 4
Device:
NodeID
Function: 4
Offset:
C4h
Bit
Attr
Default
Description
7:0
RWST
20h
RCVEN1708: receiver enable delay for DQS17 and 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com