Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6402 Datasheet(PDF) 216 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 216 Page - Intel Corporation

Back Button 6402 Datasheet HTML 212Page - Intel Corporation 6402 Datasheet HTML 213Page - Intel Corporation 6402 Datasheet HTML 214Page - Intel Corporation 6402 Datasheet HTML 215Page - Intel Corporation 6402 Datasheet HTML 216Page - Intel Corporation 6402 Datasheet HTML 217Page - Intel Corporation 6402 Datasheet HTML 218Page - Intel Corporation 6402 Datasheet HTML 219Page - Intel Corporation 6402 Datasheet HTML 220Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 250 page
background image
Registers
216
Intel® 6400/6402 Advanced Memory Buffer Datasheet
14.6.1.17 DQSOFCS02: DQS Calibration Register
This register determines DQS17 & 8 fine DQS delay when reading from rank 0.
14.6.1.18 DQSOFCS10: DQS Calibration Register
This register determines DQS12, 3, 11, 2, 10, 1, 9, & 0 fine DQS delay when reading
from rank 1.
14.6.1.19 DQSOFCS11: DQS Calibration Register
This register determines DQS16, 7, 15, 6, 14, 5, 13, & 4 fine DQS delay when reading
from rank 1.
.
Device:
NodeID
Function: 4
Offset:
C6h
Bit
Attr
Default
Description
7:4
RWST
0h
DQS17: Fine DLL delay
3:0
RWST
0h
DQS08: Fine DLL delay
Device:
NodeID
Function: 4
Offset:
BCh
Bit
Attr
Default
Description
31:28
RWST
0h
DQS12: Fine delay
27:24
RWST
0h
DQS03: Fine delay
23:20
RWST
0h
DQS11: Fine delay
19:16
RWST
0h
DQS02: Fine delay
15:12
RWST
0h
DQS10: Fine delay
11:8
RWST
0h
DQS01: Fine delay
7:4
RWST
0h
DQS09: Fine delay
3:0
RWST
0h
DQS00: Fine delay
Device:
NodeID
Function: 4
Offset:
C0h
Bit
Attr
Default
Description
31:28
RWST
0h
DQS16: Fine delay
27:24
RWST
0h
DQS07: Fine delay
23:20
RWST
0h
DQS15: Fine delay
19:16
RWST
0h
DQS06: Fine delay
15:12
RWST
0h
DQS14: Fine delay
11:8
RWST
0h
DQS05: Fine delay
7:4
RWST
0h
DQS13: Fine delay
3:0
RWST
0h
DQS04: Fine delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com