Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6402 Datasheet(PDF) 218 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 218 Page - Intel Corporation

Back Button 6402 Datasheet HTML 214Page - Intel Corporation 6402 Datasheet HTML 215Page - Intel Corporation 6402 Datasheet HTML 216Page - Intel Corporation 6402 Datasheet HTML 217Page - Intel Corporation 6402 Datasheet HTML 218Page - Intel Corporation 6402 Datasheet HTML 219Page - Intel Corporation 6402 Datasheet HTML 220Page - Intel Corporation 6402 Datasheet HTML 221Page - Intel Corporation 6402 Datasheet HTML 222Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 250 page
background image
Registers
218
Intel® 6400/6402 Advanced Memory Buffer Datasheet
14.6.1.23 WPTRTC1: Write Pointer Timing Control 1
This register determines the DDR I/O FIFO write pointer fine delay timing for DQS17
and DQS8 signals when reading from rank 0 or rank 1.
14.6.1.24 DDQSCVDP and DDQSCADP
This set of 4 registers defines two 64 bit long data patterns used in the DQS Delay
Calibration. They are only used when DCALCSR.BASPAT is low. The 64 bit patterns
cover a data burst that is 32 DRAM clock cycles long. The DDQSCVDP registers define
the “victim” pattern, and the DDQSCADP defines the “aggressor” pattern. The victim
pattern is applied to one bit of each byte of the DDR data bus for 32 clock cycles, and
the aggressor pattern is applied to all other bits. The victim pattern is applied in turn to
each bit of each byte, creating a complete data pattern that is 8*32 data cycles long.
14.6.1.25 DDQSCVDP0: DQS DELAY CAL PATTERN 0
This register defines the last 32 bits of the 64 bit long “victim” data pattern.
14.6.1.26 DDQSCVDP1: DQS DELAY CAL PATTERN 1
This register defines the first 32 bits of the 64 bit long “victim” data pattern.
14.6.1.27 DDQSCADP0: DQS DELAY CAL PATTERN 0
This register defines the last 32 bits of the 64 bit long “aggressor” data pattern.
Device:
NodeID
Function: 4
Offset:
D0h
Bit
Attr
Default
Description
7:4
RV
0h
Reserved
3:0
RWST
0h
DQS01708: Rank 0 DQS17 and DQS8 write pointer fine delay
Device:
NodeID
Function: 4
Offset:
D4h
Bit
Attr
Default
Description
31:0
RW
aaaa0a05h
ENABLE:
Device:
NodeID
Function: 4
Offset:
D8h
Bit
Attr
Default
Description
31:0
RW
5b339c5dh
ENABLE:
Device:
NodeID
Function: 4
Offset:
DCh
Bit
Attr
Default
Description
31:0
RW
aaabffffh
ENABLE:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com