Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6402 Datasheet(PDF) 219 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 219 Page - Intel Corporation

Back Button 6402 Datasheet HTML 215Page - Intel Corporation 6402 Datasheet HTML 216Page - Intel Corporation 6402 Datasheet HTML 217Page - Intel Corporation 6402 Datasheet HTML 218Page - Intel Corporation 6402 Datasheet HTML 219Page - Intel Corporation 6402 Datasheet HTML 220Page - Intel Corporation 6402 Datasheet HTML 221Page - Intel Corporation 6402 Datasheet HTML 222Page - Intel Corporation 6402 Datasheet HTML 223Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 250 page
background image
Intel® 6400/6402 Advanced Memory Buffer Datasheet
219
Registers
14.6.1.28 DDQSCADP1: DQS DELAY CAL PATTERN 1
This register defines the first 32 bits of the 64 bit long “aggressor” data pattern.
14.6.2
Memory Interface Control
14.6.2.1
DIOMON: DDR I/O Monitor
This register monitors the legsel output of the DDR I/O topcdat chunk and controls the
A/D converter in the DDR I/O used to monitor analog voltage levels.
14.6.2.2
ODTZTC: On-Die Termination Timing Control
This register controls the enable and disable timing of the on-die termination on DQ
and DQS pins. Timing can be adjusted in whole clock increments, or enabled statically.
The ETIMR and DTIMR fields are added in hardware to the SPDPAR13CUR.ODTZ_ETIMR
and SPDPAR13CUR.ODTZ_DTIMR register fields to control termination timing during
reads. The DRRTC register is also used to align the enable/disable time to when read
DQ/DQS signals are expected to arrive at the input pins. The combined default values
of the ODTZTC and SPDPAR13CUR fields enable termination 1/2 DRAM clock cycle
before the leading edge of the read DQS preamble arrives at the DQS pin, and keeps
termination enabled for 5 clock cycles in BL4 mode, and 7 cycles in BL8 mode. The DDR
I/O circuits automatically disable on-die termination when the DQ/DQS pins are
driving. The default register values enable termination during writes at the same time
that the pins are driving, so termination is effectively off during writes.
Device:
NodeID
Function: 4
Offset:
E0h
Bit
Attr
Default
Description
31:0
RW
db339ce1h
ENABLE:
Device:
NodeID
Function: 4
Offset:
F0h
Bit
Attr
Default
Description
15
RW
0
ENABLE: Enable A/D converter and update vresult
14:12
RWST
0h
BIASSEL: A/D converter input selection
11:8
RWST
0h
LEGSELOUT: Legsel output of topcdat chunk
7RWST
0h
DIOPWR:
6RV
0h
Reserved
5:0
RWST
00h
VRESULT: A/D converter output
Device:
NodeID
Function: 4
Offset:
F4h
Bit
Attr
Default
Description
15
RWST
0
TIMORIDE: timing override. On-Die termination always on during read
operations and when the bus is idle
14:12
RWST
0h
DTIMW: disable time after write data
11
RV
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com