Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC1547JBD48 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # LPC1547JBD48
Description  32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1547JBD48 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button LPC1547JBD48 Datasheet HTML 13Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 14Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 15Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 16Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 17Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 18Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 19Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 20Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 99 page
background image
LPC15XX
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 19 February 2014
17 of 99
NXP Semiconductors
LPC15xx
32-bit ARM Cortex-M3 microcontroller
PIO2_9
-
-
94
[5]
I; PU
IO
PIO2_9 — General purpose port 2 input/output 9.
On the LQFP100 package, this pin is assigned to
CAN0_RD in ISP C_CAN mode.
PIO2_10
-
-
96
[5]
I; PU
IO
PIO2_10 — General purpose port 2 input/output 10.
PIO2_11
-
-
99
[5]
I; PU
IO
PIO2_11 — General purpose port 2 input/output 11.
PIO2_12
35
47
74
[5]
I; PU
IO
PIO2_12 — General purpose port 2 input/output 12. On
parts LPC1519/17/18 only.
PIO2_13
36
48
75
[5]
I; PU
IO
PIO2_13 — General purpose port 2 input/output 13. On
parts LPC1519/17/18 only.
USB_DP
35
47
74
[10]
-
IO
USB bidirectional D+ line. Pad includes internal 33
Ω
series termination resistor. On parts LPC1549/48/47 only.
USB_DM
36
48
75
[10]
-
IO
USB bidirectional D
 line. Pad includes internal 33 Ω
series termination resistor. On parts LPC1549/48/47 only.
RTCXIN
31
42
66
[9]
-
RTC oscillator input. This input should be grounded if the
RTC is not used.
RTCXOUT
32
43
67
[9]
-
RTC oscillator output.
XTALIN
26
36
54
[9]
-
Input to the oscillator circuit and internal clock generator
circuits. Input voltage must not exceed 1.8 V.
XTALOUT
25
35
53
[9]
-
Output from the oscillator amplifier.
VBAT
30
41
65
-
Battery supply voltage. If no battery is used, tie VBAT to
VDD or to ground.
VDDA
16
20
30
-
Analog supply voltage. VDD and the analog reference
voltages VREFP_ADC and VREFP_DAC_VDDCMP must
not exceed the voltage level on VDDA. VDDAshould typically
be the same voltages as VDD but should be isolated to
minimize noise and error. VDDA should be tied to VDD if the
ADC is not used.
VDD
39,
27,
42
22,
52,
37,
57
4,
32,
70,
83,
57,
89
-
3.3 V supply voltage (2.4 V to 3.6 V). The voltage level on
VDD must be equal or lower than the analog supply
voltage VDDA.
VREFP_DAC_VDDCMP 14
18
27
[9]
-
DAC positive reference voltage and analog comparator
reference voltage. The voltage level on
VREFP_DAC_VDDCMP must be equal to or lower than
the voltage applied to VDDA.
VREFN
11
14
22
-
ADC and DAC negative voltage reference. If the ADC is
not used, tie VREFN to VSS.
Table 3.
Pin description with fixed-pin functions
Symbol
Reset
state[1]
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com