Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC1547JBD48 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # LPC1547JBD48
Description  32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1547JBD48 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button LPC1547JBD48 Datasheet HTML 26Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 27Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 28Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 29Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 30Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 31Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 32Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 33Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 99 page
background image
LPC15XX
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 19 February 2014
30 of 99
NXP Semiconductors
LPC15xx
32-bit ARM Cortex-M3 microcontroller
8.16 Input multiplexing (Input mux)
The input mux allows to select from multiple external and internal sources for the SCT
inputs, DMA trigger inputs, and the frequency measure block. The input mux is
implemented as a register interface with one source selection register for each input. The
input mux can for example connect SCT outputs, the ADC interrupts, or the comparator
outputs to the SCT inputs and thus enables the SCT to use a large variety of events to
control the timing operation.
The ADCs and analog comparators also support input multiplexing using source selection
registers as part of their configuration registers.
8.17 USB interface
Remark: The USB interface is available on parts LPC1549/48/47 only.
The Universal Serial Bus (USB) is a 4-wire bus that supports communication between a
host and one or more (up to 127) peripherals. The host controller allocates the USB
bandwidth to attached devices through a token-based protocol. The bus supports
hot-plugging and dynamic configuration of the devices. All transactions are initiated by the
host controller.
The USB interface consists of a full-speed device controller with on-chip PHY (PHYsical
layer) for device functions.
Remark: Configure the part in default power mode with the power profiles before using
the USB (see Section 8.40.1). Do not use the USB when the part runs in performance,
efficiency, or low-power mode.
8.17.1 Full-speed USB device controller
The device controller enables 12 Mbit/s data exchange with a USB Host controller. It
consists of a register interface, serial interface engine, and endpoint buffer memory. The
serial interface engine decodes the USB data stream and writes data to the appropriate
endpoint buffer. The status of a completed USB transfer or error condition is indicated via
status registers. An interrupt is also generated if enabled.
8.17.1.1
Features
• Dedicated USB PLL available.
• Fully compliant with USB 2.0 specification (full speed).
• Supports 10 physical (5 logical) endpoints including one control endpoint.
• Single and double buffering supported.
• Each non-control endpoint supports bulk, interrupt, or isochronous endpoint types.
• Supports wake-up from Deep-sleep mode and Power-down mode on USB activity
and remote wake-up.
• Supports SoftConnect functionality through internal pull-up resistor.
• Internal 33 Ω series termination resistors on USB_DP and USB_DM lines eliminate
the need for external series resistors.
• Supports Link Power Management (LPM).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com