Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC1547JBD48 Datasheet(PDF) 82 Page - NXP Semiconductors

Part # LPC1547JBD48
Description  32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1547JBD48 Datasheet(HTML) 82 Page - NXP Semiconductors

Back Button LPC1547JBD48 Datasheet HTML 78Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 79Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 80Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 81Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 82Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 83Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 84Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 85Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 86Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 99 page
background image
LPC15XX
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 19 February 2014
82 of 99
NXP Semiconductors
LPC15xx
32-bit ARM Cortex-M3 microcontroller
[1]
CL = 10 pF; results from measurements on silicon samples over process corners and over the full temperature range Tamb = -40 C to
+105
C.
[2]
Input hysteresis is relative to the reference input channel and is software programmable.
Table 29.
Comparator characteristics
VDDA = 3.0 V. DLY = 0x0 in the analog comparator CTRL register for shortest propagation delay setting. See the LPC15xx
user manual UM10736.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
IDD
supply current
VP > VM
-
48
-
A
VM > VP
-
38
-
A
VIC
common-mode input voltage
0
-
VDDA
V
DVO
output voltage variation
0
-
VDD
V
Voffset
offset voltage
VIC = 0.1 V
-
+/- 3
-
mV
VIC = 1.5 V
-
+/- 3
-
mV
VIC = 2.9 V
-
+/- 6
-
mV
Dynamic characteristics
tstartup
start-up time
nominal process
-
4.5
6
s
tPD
propagation delay
HIGH to LOW; VDDA = 3.0 V;
VIC = 0.1 V; 50 mV overdrive input
[1]
-
86
130
ns
VIC = 0.1 V; rail-to-rail input
[1]
-
196
250
ns
VIC = 1.5 V; 50 mV overdrive input
[1]
-
68
110
ns
VIC = 1.5 V; rail-to-rail input
[1]
-64
90
ns
VIC = 2.9 V; 50 mV overdrive input
[1]
-
86
130
ns
VIC = 2.9 V; rail-to-rail input
[1]
-48
80
ns
tPD
propagation delay
LOW to HIGH; VDDA = 3.0 V;
VIC = 0.1 V; 50 mV overdrive input
[1]
-
98
130
ns
VIC = 0.1 V; rail-to-rail input
[1]
-24
40
ns
VIC = 1.5 V; 50 mV overdrive input
[1]
-
88
130
ns
VIC = 1.5 V; rail-to-rail input
[1]
-
68
120
ns
VIC = 2.9 V; 50 mV overdrive input
[1]
-
84
110
ns
VIC = 2.9 V; rail-to-rail input
[1]
-
98
180
ns
Vhys
hysteresis voltage
positive hysteresis; VDDA = 3.0 V;
VIC = 1.5 V; settings:
5 mV
[2]
3-
8
mV
10 mV
8
-
13
mV
15 mV
17
-
25
mV
Vhys
hysteresis voltage
negative hysteresis; VDDA = 3.0 V;
VIC = 1.5 V; settings:
5 mV
[1][2]
3-
9
mV
10 mV
8
-
18
mV
15 mV
18
-
27
mV
Rlad
ladder resistance
-
-
1
-
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com