Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC1547JBD48 Datasheet(PDF) 43 Page - NXP Semiconductors

Part # LPC1547JBD48
Description  32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1547JBD48 Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button LPC1547JBD48 Datasheet HTML 39Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 40Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 41Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 42Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 43Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 44Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 45Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 46Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 99 page
background image
LPC15XX
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 19 February 2014
43 of 99
NXP Semiconductors
LPC15xx
32-bit ARM Cortex-M3 microcontroller
8.31 Repetitive Interrupt (RI) timer
The repetitive interrupt timer provides a free-running 48-bit counter which is compared to
a selectable value, generating an interrupt when a match occurs. Any bits of the
timer/compare can be masked such that they do not contribute to the match detection.
The repetitive interrupt timer can be used to create an interrupt that repeats at
predetermined intervals.
8.31.1 Features
• 48-bit counter running from the main clock. Counter can be free-running or can be
reset when an RIT interrupt is generated.
• 48-bit compare value.
• 48-bit compare mask. An interrupt is generated when the counter value equals the
compare value, after masking. This allows for combinations not possible with a simple
compare.
8.32 System tick timer
The ARM Cortex-M3 includes a system tick timer (SYSTICK) that is intended to generate
a dedicated SYSTICK exception at a fixed time interval (typically 10 ms).
8.33 Real-Time Clock (RTC)
The RTC resides in a separate, always-on voltage domain with battery back-up. The RTC
uses an independent 32 kHz oscillator, also located in the always-on voltage domain.
8.33.1 Features
• 32-bit, 1 Hz RTC counter and associated match register for alarm generation.
• Separate 16-bit high-resolution/wake-up timer clocked at 1 kHz for 1 ms resolution
with a more that one minute maximum time-out period.
• RTC alarm and high-resolution/wake-up timer time-out each generate independent
interrupt requests. Either time-out can wake up the part from any of the low power
modes, including Deep power-down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com