Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC1547JBD48 Datasheet(PDF) 61 Page - NXP Semiconductors

Part # LPC1547JBD48
Description  32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1547JBD48 Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button LPC1547JBD48 Datasheet HTML 57Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 58Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 59Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 60Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 61Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 62Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 63Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 64Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 99 page
background image
LPC15XX
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 19 February 2014
61 of 99
NXP Semiconductors
LPC15xx
32-bit ARM Cortex-M3 microcontroller
Conditions: BOD disabled; all oscillators and analog blocks disabled. Use API
power_mode_configure() with mode parameter set to DEEP_SLEEP and peripheral parameter set
to 0xFF.
Fig 21. Deep-sleep mode: Typical supply current IDD versus temperature for different
supply voltages VDD
Conditions: BOD disabled; all oscillators and analog blocks disabled; VDD = 2.4 V to 3.6 V. Use API
power_mode_configure() with mode parameter set to POWER_DOWN and peripheral parameter
set to 0xFF.
Fig 22. Power-down mode: Typical supply current IDD versus temperature for different
supply voltages VDD
aaa-011234
-40
-10
20
50
80
110
280
300
320
340
360
380
400
temperature (°C)
IDD
DD
IDD
(μA)
(μA)
(μA)
3.6 V
3.3 V
3.0 V
2.7 V
2.4 V
aaa-011235
-40
-10
20
50
80
110
0
20
40
60
80
temperature (°C)
IDD
DD
IDD
(μA)
(μA)
(μA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com