Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC1547JBD48 Datasheet(PDF) 56 Page - NXP Semiconductors

Part # LPC1547JBD48
Description  32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1547JBD48 Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button LPC1547JBD48 Datasheet HTML 52Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 53Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 54Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 55Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 56Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 57Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 58Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 59Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 99 page
background image
LPC15XX
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 19 February 2014
56 of 99
NXP Semiconductors
LPC15xx
32-bit ARM Cortex-M3 microcontroller
VI
input voltage
VDD  2.4 V
[16]
[18]
0-
5.0
V
VDD = 0 V
0
-
3.6
V
VO
output voltage
output active
0
-
VDD
V
VIH
HIGH-level input
voltage
0.7VDD
--
V
VIL
LOW-level input voltage
-
-
0.3VDD V
Vhys
hysteresis voltage
2.4 V <= VDD < 3.0 V
0.30
-
-
V
3.0 V <= VDD <= 3.6 V
0.35
-
-
V
VOH
HIGH-level output
voltage
IOH = 20 mA; 2.7 V <= VDD <
3.6 V
VDD  0.4 -
-
V
IOH = 12 mA; 2.4 V <= VDD <
2.7 V
VDD  0.4 -
-
V
VOL
LOW-level output
voltage
IOL =4 mA
-
-
0.4
V
IOH
HIGH-level output
current
VOH =VDD  0.4 V; 2.7 V <= VDD
< 3.6 V
20
-
-
mA
VOH =VDD  0.4 V; 2.4 V <= VDD
< 2.7 V
12
-
-
mA
IOL
LOW-level output
current
VOL = 0.4 V
4
-
-
mA
IOLS
LOW-level short-circuit
output current
VOL =VDD
[19] --
50
mA
Ipd
pull-down current
VI =5V
[20] 10
50
150
A
Ipu
pull-up current
VI =0V
[20]
10
50
85
A
VDD <VI <5V
0
0
0
A
I2C-bus pins (PIO0_22 and PIO0_23); see Figure 17
VIH
HIGH-level input
voltage
0.7VDD
--
V
VIL
LOW-level input voltage
-
-
0.3VDD V
Vhys
hysteresis voltage
-
0.05VDD
-
V
IOL
LOW-level output
current
VOL = 0.4 V; I2C-bus pins
configured as standard mode pins
3.5
-
-
mA
IOL
LOW-level output
current
VOL = 0.4 V; I2C-bus pins
configured as Fast-mode Plus
pins; 2.7 V <= VDD < 3.6 V
20
-
-
mA
VOL = 0.4 V; I2C-bus pins
configured as Fast-mode Plus
pins; 2.4 V <= VDD < 2.7 V
16
-
-
mA
ILI
input leakage current
VI =VDD
[21] -2
4
A
VI = 5 V
-
10
22
A
USB_DM and USB_DP pins
VI
input voltage
[2] 0-
VDD
V
Table 11.
Static characteristics …continued
Tamb = 40 C to +105 C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com