Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC1547JBD48 Datasheet(PDF) 57 Page - NXP Semiconductors

Part # LPC1547JBD48
Description  32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1547JBD48 Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button LPC1547JBD48 Datasheet HTML 53Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 54Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 55Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 56Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 57Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 58Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 59Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 60Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 99 page
background image
LPC15XX
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 19 February 2014
57 of 99
NXP Semiconductors
LPC15xx
32-bit ARM Cortex-M3 microcontroller
[1]
Typical ratings are not guaranteed. The values listed are for room temperature (25
C), nominal supply voltages.
[2]
For USB operation: 3.0 V
V
DD  3.6 V.
[3]
Tamb =25 C.
[4]
IDD measurements were performed with all pins configured as GPIO outputs driven LOW and pull-up resistors disabled.
[5]
IRC enabled; system oscillator disabled; system PLL disabled.
[6]
System oscillator enabled; IRC disabled; system PLL disabled.
[7]
BOD disabled.
[8]
All peripherals disabled in the SYSAHBCLKCTRL0/1 registers. Peripheral clocks to USART, CLKOUT, and IOCON disabled in system
configuration block.
[9]
IRC enabled; system oscillator disabled; system PLL enabled.
[10] IRC disabled; system oscillator enabled; system PLL enabled.
[11] All oscillators and analog blocks turned off: Use API power_mode_configure() with mode parameter set to DEEP_SLEEP or
POWER_DOWN and peripheral parameter set to 0xFF.
[12] WAKEUP pin pulled HIGH externally.
VIH
HIGH-level input
voltage
1.8
-
-
V
VIL
LOW-level input voltage
-
-
1.0
V
Vhys
hysteresis voltage
0.32
-
-
V
Zout
output impedance
28
-
44
Ω
VOH
HIGH-level output
voltage
2.9
-
-
V
VOL
LOW-level output
voltage
-
-
0.18
V
IOH
HIGH-level output
current
VOH =VDD  0.3 V
[22] 4.8
-
-
mA
IOL
LOW-level output
current
VOL = 0.3 V
[22] 5.0
-
-
mA
IOLS
LOW-level short-circuit
output current
drive LOW; pad connected to
ground
-
-
125
mA
IOHS
HIGH-level short-circuit
output current
drive HIGH; pad connected to
ground
-
-
125
mA
Oscillator pins
Vi(xtal)
crystal input voltage
on pin XTALIN
0.5
1.8
1.95
V
Vo(xtal)
crystal output voltage
on pin XTALOUT
0.5
1.8
1.95
V
Vi(rtcx)
32 kHz oscillator input
voltage
on pin RTCXIN
[23]
0.5
-
3.6
V
Vo(rtcx)
32 kHz oscillator output
voltage
on pin RTCXOUT
[23]
0.5
-
3.6
V
Pin capacitance
Cio
input/output
capacitance
pins with analog and digital
functions
[24] --
7.1
pF
I2C-bus pins (PIO0_22 and
PIO0_23)
[24] -
-
2.5
pF
pins with digital functions only
[24] --
2.8
pF
Table 11.
Static characteristics …continued
Tamb = 40 C to +105 C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com