Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC1547JBD48 Datasheet(PDF) 85 Page - NXP Semiconductors

Part # LPC1547JBD48
Description  32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1547JBD48 Datasheet(HTML) 85 Page - NXP Semiconductors

Back Button LPC1547JBD48 Datasheet HTML 81Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 82Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 83Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 84Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 85Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 86Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 87Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 88Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 89Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 99 page
background image
LPC15XX
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 19 February 2014
85 of 99
NXP Semiconductors
LPC15xx
32-bit ARM Cortex-M3 microcontroller
Remark: When a bus-powered circuit as shown in Figure 45 is used or, for a self-powered
device, when the VBUS pin is not connected, configure the PIO0_3/USB_VBUS pin for
GPIO (PIO0_3) in the IOCON block. This ties the VBUS signal HIGH internally.
14.1.1 USB Low-speed operation
The USB device controller can be used in low-speed mode supporting 1.5 Mbit/s data
exchange with a USB host controller.
Remark: To operate in low-speed mode, change the board connections as follows:
1. Connect USB_DP to the D- pin of the connector.
2. Connect USB_DM to the D+ pin of the connector.
External 10
Ω resistors are recommended in low-speed mode to reduce over-shoots and
accommodate for 5 m cable length required for USB-IF testing.
14.2 XTAL input and crystal oscillator component selection
The input voltage to the on-chip oscillators is limited to 1.8 V. If the oscillator is driven by a
clock in slave mode, it is recommended that the input be coupled through a capacitor with
Ci = 100 pF. To limit the input voltage to the specified range, choose an additional
capacitor to ground Cg which attenuates the input voltage by a factor Ci/(Ci + Cg). In slave
mode, a minimum of 200 mV(RMS) is needed.
Fig 45. USB interface on a bus-powered device
REGULATOR
VBUS
LPC1xxx
VDD
R1
1.5 kΩ
aaa-010821
USB-B
connector
USB_DP
USB_DM
VSS
RS = 33 Ω
RS = 33 Ω
USB
USB_CONNECT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com