Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC1547JBD48 Datasheet(PDF) 37 Page - NXP Semiconductors

Part # LPC1547JBD48
Description  32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1547JBD48 Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button LPC1547JBD48 Datasheet HTML 33Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 34Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 35Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 36Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 37Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 38Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 39Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 40Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 99 page
background image
LPC15XX
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 19 February 2014
37 of 99
NXP Semiconductors
LPC15xx
32-bit ARM Cortex-M3 microcontroller
• 10 outputs (some outputs are connected to multiple locations)
– Three outputs connected to external pins through the switch matrix as movable
functions.
– Five outputs connected to external pins through the switch matrix as fixed-pin
functions.
– Two outputs connected to the SCTIPU to sample or latch input events.
– One output connected to the other large SCT
– Four outputs connected to one small SCT
– Two outputs connected to each ADC trigger input
8.22.4 State-Configurable Timers in the small configuration (SCT2/3)
Remark: For applications that require exact timing of the SCT outputs (for example
PWM), assign the outputs only to fixed-pin functions to ensure that the output skew is
nearly the same for all outputs.
8.22.4.1
Features
The following feature list summarizes the configuration for the two small SCTs. Each small
SCT has a companion large SCT (see Section 8.22.3) with more inputs and outputs and a
dither engine.
• Each SCT supports:
– 8 match/capture registers
– 10 events
– 10 states
– 3 inputs and 6 outputs
– DMA support
• Counter/timer features:
– Configurable as two 16-bit counters or one 32-bit counter.
– Counters clocked by bus clock or selected input.
– Up counters or up-down counters.
– Configurable number of match and capture registers. Up to 16 match and capture
registers total.
– Upon match create the following events: interrupt, stop, limit timer or change
direction; toggle outputs; change state.
– Counter value can be loaded into capture register triggered by match or
input/output toggle.
• PWM features:
– Counters can be used in conjunction with match registers to toggle outputs and
create time-proportioned PWM signals.
– Up to six single-edge or dual-edge controlled PWM outputs with independent duty
cycles if configured as 32-bit timers.
• Event creation features:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com