Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC1547JBD48 Datasheet(PDF) 48 Page - NXP Semiconductors

Part # LPC1547JBD48
Description  32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1547JBD48 Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button LPC1547JBD48 Datasheet HTML 44Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 45Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 46Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 47Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 48Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 49Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 50Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 51Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 99 page
background image
LPC15XX
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 19 February 2014
48 of 99
NXP Semiconductors
LPC15xx
32-bit ARM Cortex-M3 microcontroller
8.40.3 Deep-sleep mode
In Deep-sleep mode, the LPC15xx is in Sleep-mode and all peripheral clocks and all clock
sources are off except for the IRC. The IRC output is disabled unless the IRC is selected
as input to the watchdog timer. In addition all analog blocks are shut down and the flash is
in stand-by mode. In Deep-sleep mode, the application can keep the watchdog oscillator
and the BOD circuit running for self-timed wake-up and BOD protection.
The LPC15xx can wake up from Deep-sleep mode via reset, selected GPIO pins, a
watchdog timer interrupt, an interrupt generating USB port activity, an RTC interrupt, or
any interrupts that the USART, SPI, or I2C interfaces can create in Deep-sleep mode. The
USART wake-up requires the 32 kHz mode, the synchronous mode, or the CTS interrupt
to be set up.
Deep-sleep mode saves power and allows for short wake-up times.
8.40.4 Power-down mode
In Power-down mode, the LPC15xx is in Sleep-mode and all peripheral clocks and all
clock sources are off except for watchdog oscillator if selected. In addition all analog
blocks and the flash are shut down. In Power-down mode, the application can keep the
BOD circuit running for BOD protection.
The LPC15xx can wake up from Power-down mode via reset, selected GPIO pins, a
watchdog timer interrupt, an interrupt generating USB port activity, an RTC interrupt, or
any interrupts that the USART, SPI, or I2C interfaces can create in Power-down mode.
The USART wake-up requires the 32 kHz mode, the synchronous mode, or the CTS
interrupt to be set up.
Power-down mode reduces power consumption compared to Deep-sleep mode at the
expense of longer wake-up times.
8.40.5 Deep power-down mode
In Deep power-down mode, power is shut off to the entire chip except for the WAKEUP
pin and the always-on RTC power-domain. The LPC15xx can wake up from Deep
power-down mode via the WAKEUP pin or a wake-up signal generated by the RTC
interrupt.
The LPC15xx can be blocked from entering Deep power-down mode by setting a lock bit
in the PMU block. Blocking the Deep power-down mode enables the application to keep
the watchdog timer or the BOD running at all times.
If the WAKEUP pin is used in the application, an external pull-up resistor is required on
the WAKEUP pin to hold it HIGH while the part is in deep power-down mode. Pulling the
WAKEUP pin LOW wakes up the part from deep power-down mode. In addition, pull the
RESET pin HIGH to prevent it from floating while in Deep power-down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com