Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC1547JBD48 Datasheet(PDF) 83 Page - NXP Semiconductors

Part # LPC1547JBD48
Description  32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1547JBD48 Datasheet(HTML) 83 Page - NXP Semiconductors

Back Button LPC1547JBD48 Datasheet HTML 79Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 80Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 81Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 82Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 83Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 84Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 85Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 86Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 87Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 99 page
background image
LPC15XX
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 19 February 2014
83 of 99
NXP Semiconductors
LPC15xx
32-bit ARM Cortex-M3 microcontroller
[1]
Measured over a polyresistor matrix lot with a 2 kHz input signal and overdrive < 100
V.
[2]
All peripherals except comparator, temperature sensor, and IRC turned off.
Table 30.
Comparator voltage ladder dynamic characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ts(pu)
power-up settling
time
to 99% of voltage
ladder output
value
--
30
s
ts(sw)
switching settling
time
to 99% of voltage
ladder output
value
--
20
s
Table 31.
Comparator voltage ladder reference static characteristics
VDD(3V3) = 3.3 V; Tamb = -40 C to + 105C; external or internal reference.
Symbol
Parameter
Conditions
Min
Typ
Max[1]
Unit
EV(O)
output voltage error
decimal code = 00
[2]
-0
3
mV
decimal code = 08
-1.5
0
+1.5
%
decimal code = 16
-1.5
0
+1.5
%
decimal code = 24
-1.5
0
+1.5
%
decimal code = 30
-1.5
0
+1.5
%
decimal code = 31
-1.5
0
+1.5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com