Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC1547JBD48 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # LPC1547JBD48
Description  32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1547JBD48 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button LPC1547JBD48 Datasheet HTML 23Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 24Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 25Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 26Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 27Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 28Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 29Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 30Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 99 page
background image
LPC15XX
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 19 February 2014
27 of 99
NXP Semiconductors
LPC15xx
32-bit ARM Cortex-M3 microcontroller
• Digital output driver with configurable open-drain output
• Digital input: Weak pull-up resistor (PMOS device) enabled/disabled
• Digital input: Weak pull-down resistor (NMOS device) enabled/disabled
• Digital input: Repeater mode enabled/disabled
• Digital input: Input digital filter configurable on all pins
• Digital input: Input glitch filter enabled/disabled on select pins
• Analog input
8.11 Switch Matrix (SWM)
The switch matrix controls the function of each digital or mixed analog/digital pin in a
highly flexible way by allowing to connect many functions like the USART, SPI, SCT, and
I2C functions to any pin that is not power or ground. These functions are called movable
functions and are listed in Table 4.
Functions that need specialized pads like the ADC or analog comparator inputs can be
enabled or disabled through the switch matrix. These functions are called fixed-pin
functions and cannot move to other pins. The fixed-pin functions are listed in Table 3. If a
fixed-pin function is disabled, any other movable function can be assigned to this pin.
Fig 11. Standard I/O pin configuration
PIN
VDD
VDD
ESD
VSS
ESD
strong
pull-up
strong
pull-down
VDD
weak
pull-up
weak
pull-down
open-drain enable
output enable
repeater mode
enable
pull-up enable
pull-down enable
select data
inverter
data output
data input
select glitch
filter
analog input
select analog input
pin configured
as digital output
driver
pin configured
as digital input
pin configured
as analog input
PROGRAMMABLE
DIGITAL FILTER
10 ns GLITCH
FILTER
aaa-010776



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com