Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC1547JBD48 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # LPC1547JBD48
Description  32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1547JBD48 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button LPC1547JBD48 Datasheet HTML 28Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 29Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 30Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 31Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 32Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 33Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 34Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 35Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 99 page
background image
LPC15XX
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 19 February 2014
32 of 99
NXP Semiconductors
LPC15xx
32-bit ARM Cortex-M3 microcontroller
8.19.1 Features
• Maximum data rates of 17 Mbit/s in master mode and slave mode for SPI functions
connected to all digital pins except PIO0_22 and PIO0_23.
• Data transmits of 1 to 16 bits supported directly. Larger frames supported by software.
• Master and slave operation.
• Data can be transmitted to a slave without the need to read incoming data. This can
be useful while setting up an SPI memory.
• Control information can optionally be written along with data. This allows very
versatile operation, including “any length” frames.
• Up to four Slave Select input/outputs with selectable polarity and flexible usage.
• Supports DMA transfers: SPIn transmit and receive functions work with the system
DMA controller.
Remark: Texas Instruments SSI and National Microwire modes are not supported.
8.20 I2C-bus interface
The I2C-bus is bidirectional for inter-IC control using only two wires: a serial clock line
(SCL) and a serial data line (SDA). Each device is recognized by a unique address and
can operate as either a receiver-only device (e.g., an LCD driver) or a transmitter with the
capability to both receive and send information (such as memory). Transmitters and/or
receivers can operate in either master or slave mode, depending on whether the chip has
to initiate a data transfer or is only addressed. The I2C is a multi-master bus and can be
controlled by more than one bus master connected to it.
The I2C-bus functions are fixed-pin functions and must be enabled through the switch
matrix on the open-drain pins PIO0_22 and PIO0_23.
8.20.1 Features
• Supports standard and fast mode with data rates of up to 400 kbit/s.
• Supports Fast-mode Plus with bit rates up to 1 Mbit/s.
• Fail-safe operation: When the power to an I2C-bus device is switched off, the SDA
and SCL pins connected to the I2C-bus are floating and do not disturb the bus.
• Independent Master, Slave, and Monitor functions.
• Supports both Multi-master and Multi-master with Slave functions.
• Multiple I2C slave addresses supported in hardware.
• One slave address can be selectively qualified with a bit mask or an address range in
order to respond to multiple I2C bus addresses.
• 10-bit addressing supported with software assist.
• Supports SMBus.
• Supported by on-chip ROM API.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com