Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC1547JBD48 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # LPC1547JBD48
Description  32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1547JBD48 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button LPC1547JBD48 Datasheet HTML 34Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 35Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 36Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 37Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 38Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 39Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 40Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 41Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 99 page
background image
LPC15XX
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 19 February 2014
38 of 99
NXP Semiconductors
LPC15xx
32-bit ARM Cortex-M3 microcontroller
– The following conditions define an event: a counter match condition, an input (or
output) condition, a combination of a match and/or and input/output condition in a
specified state.
– Selected events can limit, halt, start, or stop a counter.
– Events control state changes, outputs, interrupts, and DMA requests.
– Match register 0 can be used as an automatic limit.
– In bi-directional mode, events can be enabled based on the count direction.
– Match events can be held until another qualifying event occurs.
• State control features:
– A state is defined by events that can take place in the state while the counter is
running.
– A state changes into another state as result of an event.
– Each event can be assigned to one or more states.
– State variable allows sequencing across multiple counter cycles.
• Integrated with an input pre-processing unit (SCTIPU) to combine or delay input
events.
Inputs and outputs on the SCTimer2/PWM and SCTimer3/PWM are configured as follows:
• 3 inputs. Each input selects one of 21 sources from a pin multiplexer.
• 6 outputs (some outputs are connected to multiple locations)
– Three outputs connected to external pins through the switch matrix as movable
functions.
– Three outputs connected to external pins through the switch matrix as fixed-pin
functions.
– Two outputs connected to the SCT IPU to sample or latch input events.
– Four outputs connected to the accompanying large SCT
– Two outputs connected to each ADC trigger input
8.22.5 SCT Input processing unit (SCTIPU)
The SCTIPU allows to block or propagate signals to inputs of the SCT under the control of
an SCT output. Using the SCTIPU in this way, allows signals to be blocked from entering
the SCT inputs for a certain amount of time, for example while they are known to be
invalid.
In addition, the SCTIPU can generate a common signal from several combined input
sources that can be selected on all SCT inputs. Such a mechanism can be useful to
create an abort signal that stops all timers.
8.22.5.1
Features
The SCTIPU pre-processes inputs to the State-Configurable Timers (SCT).
• Four outputs created from a selection of input transitions. Each output can be used as
abort input to the SCTs or for any other application which requires a collection of
multiple SCT inputs to trigger an identical SCT response.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com