Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC1547JBD48 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # LPC1547JBD48
Description  32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1547JBD48 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button LPC1547JBD48 Datasheet HTML 32Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 33Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 34Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 35Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 36Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 37Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 38Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 39Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 99 page
background image
LPC15XX
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 19 February 2014
36 of 99
NXP Semiconductors
LPC15xx
32-bit ARM Cortex-M3 microcontroller
– 8 inputs and 10 outputs
– DMA support
• Counter/timer features:
– Configurable as two 16-bit counters or one 32-bit counter.
– Counters clocked by system clock or selected input.
– Configurable as up counters or up-down counters.
– Configurable number of match and capture registers. Up to 16 match and capture
registers total.
– Upon match create the following events: stop, halt, limit counter or change counter
direction; toggle outputs; create an interrupt; change the state.
– Counter value can be loaded into capture register triggered by match or
input/output toggle.
• PWM features:
– Counters can be used in conjunction with match registers to toggle outputs and
create time-proportioned PWM signals.
– Up to eight single-edge or dual-edge controlled PWM outputs with up to eight
independent duty cycles when configured as 32-bit timers.
• Event creation features:
– The following conditions define an event: a counter match condition, an input (or
output) condition such as an rising or falling edge or level, a combination of match
and/or input/output condition.
– Events can only have an effect while the counter is running.
– Selected events can limit, halt, start, or stop a counter or change its direction.
– Events trigger state changes, output toggles, interrupts, and DMA transactions.
– Match register 0 can be used as an automatic limit.
– In bi-directional mode, events can be enabled based on the count direction.
– Match events can be held until another qualifying event occurs.
• State control features:
– A state is defined by the set of events that are allowed to happen in the state.
– A state changes into another state as result of an event.
– Each event can be assigned to one or more states.
– State variable allows sequencing across multiple counter cycles.
• Dither engine.
• Integrated with an input pre-processing unit (SCTIPU) to combine or delay input
events.
Inputs and outputs on the SCTimer0/PWM and SCTimer1/PWM are configured as follows:
• 8 inputs
– 7 inputs. Each input except input 7 can select one of 23 sources from an input
multiplexer.
– One input connected directly to the SCT PLL for a high-speed dedicated clock
input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com