Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82374EB Datasheet(PDF) 83 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 83 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 79Page - Intel Corporation 82374EB Datasheet HTML 80Page - Intel Corporation 82374EB Datasheet HTML 81Page - Intel Corporation 82374EB Datasheet HTML 82Page - Intel Corporation 82374EB Datasheet HTML 83Page - Intel Corporation 82374EB Datasheet HTML 84Page - Intel Corporation 82374EB Datasheet HTML 85Page - Intel Corporation 82374EB Datasheet HTML 86Page - Intel Corporation 82374EB Datasheet HTML 87Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 208 page
background image
82374EB82374SB
Bit
Description
73
Reserved
Must be 0
20
Slave Identification Code
The Slave Identification code must be programmed to 010b during the
initialization sequence The code stored in ICW3 is compared to the incoming slave identification code
broadcast by the master controller during interrupt acknowledge cycles
345 ICW4INITIALIZATION COMMAND WORD 4
Register Location
021hINT CNTRL-1
0A1hINT CNTRL-2
Default Value
xxh
Attribute
Write Only
Size
8 Bits
Both ESC interrupt controllers must have ICW4 programmed as part of their initialization sequence Minimally
the microprocessor mode bit bit 0 must be set to a 1 to indicate to the controller that it is operating in an
80x86 based system Failure to program this bit will result in improper controller operation during interrupt
acknowledge cycles Additionally the Automatic End of Interrupt (AEOI) may be selected as well as the
Special Fully Nested Mode (SFNM) of operation
The default programming for ICW4 is 01h which selects 80x86 mode normal EOI buffered mode and special
fully nested mode disabled
Bits 2 and 3 must be programmed to 0 for the ESC interrupt unit to function correctly
Both bit 1 AEOI and bit 4 SFNM can be programmed if the system developer chooses to invoke either
mode
Bit
Description
75
Reserved
Must be 0
4
SFNM
Bit 4 SFNM should normally be disabled by writinga0to this bit If SFNMe1 the special fully
nested mode is programmed
32
MasterSlave Buffer Mode (BUF)
Bit 3 BUF must be programmed to 0 for the ESC This is non-
buffered mode While different programming options are sometimes offered for bits 2 and 3 within the
ESC interrupt unit bits 2 and 3 must always be programmed to 00b
1
AEOI
Bit 1 AEOI should normally be programmed to 0 This is the normal end of interrupt If
AEOIe1 the automatic end of interrupt mode is programmed
0
Microprocessor Mode
The Microprocessor Mode bit must be programmed to 1 to indicate that the
interrupt controller is operating in an 80x86 based system Never program this bit to 0
83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com