| Electronic Components Datasheet Search |
|
82374EB Datasheet(PDF) 28 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
82374EB Datasheet(HTML) 28 Page - Intel Corporation |
|
28 / 208 page ![]() 82374EB82374SB Pin Name Type Description EXTSMI in EXTERNAL SYSTEM MANAGEMENT INTERRUPT EXTSMI is a falling edge triggered input to the ESC indicating that an external device is requesting the system to enter SMM mode When enabled via the SMI Enable Register a falling edge on EXTSMI results in the assertion of the SMI signal to the CPU EXTSMI is an asynchronous input to the ESC INITTEST in INITIALIZETEST On the 82374SB the function of this pin is selected by the value on the GPCS0 pin at reset If GPCS0 is low INIT is selected and if GPCS0 is high TEST is selected On the 82374EB this pin only functions as the TEST pin INIT INIT is connected to the INIT pin on the CPU and indicates to the ESC that a CPU soft reset is occuring When asserted the ESC ensures that STPCLK is negated when the CPU comes out of the soft reset The ESC also blocks SMI generation when INIT is asserted TEST For TEST signal description see the TEST signal section STPGNT in STPCLK GRANT When asserted STPGNT indicates to the ESC that a Stop grant PCI special cycle was recognized by the PCEB The ESC may then negate the STPCLK signal when the STPCLK Timer expires 210 ESCPCEB Interface Signals 2101 ARBITRATION AND INTERRUPT ACKNOWLEDGE CONTROL Pin Name Type Description EISAHOLD out EISA HOLD EISAHOLD is used to request control of the EISA bus from its default owner the PCEB This signal is synchronous to PCICLK and is asserted when RESET is asserted EISAHLDA in EISA HOLD ACKNOWLEDGE EISAHLDA in used by the PCEB to inform the ESC that it has been granted ownership of EISA bus This signal is synchronous to PCICLK PEREQ in PCI TO EISA REQUEST OR INTERRUPT ACKNOWLEDGE PEREQ INTA is a dual function signal The context of the signal pin is determined by the state of INTA EISAHLDA signal When EISAHLDA is deasserted this signal has the context of Interrupt Acknowledge ie if PEREQ INTA is asserted it indicates to the ESC that current cycle on the EISA is an interrupt acknowledge When EISAHLDA is asserted this signal has the context of PCI-to-EISA Request ie if PEREQ INTA is asserted it indicates to the ESC that PCEB needs to obtain the ownership of the EISA bus on behalf of an PCI agent This signal is synchronous to the PCICLK and it is driven inactive when RESET is asserted 28 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |