Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82374EB Datasheet(PDF) 29 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 29 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 25Page - Intel Corporation 82374EB Datasheet HTML 26Page - Intel Corporation 82374EB Datasheet HTML 27Page - Intel Corporation 82374EB Datasheet HTML 28Page - Intel Corporation 82374EB Datasheet HTML 29Page - Intel Corporation 82374EB Datasheet HTML 30Page - Intel Corporation 82374EB Datasheet HTML 31Page - Intel Corporation 82374EB Datasheet HTML 32Page - Intel Corporation 82374EB Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 208 page
background image
82374EB82374SB
2102 PCEB BUFFER COHERENCY CONTROL
Pin Name
Type
Description
NMFLUSH
ts
NEW MASTER FLUSH
NMFLUSH
is a bi-directional signal which is used to
provide handshake between PCEB and ESC to control flushing of system buffers on
behalf of EISA masters
During an EISA bus ownership change before ESC can grant the bus to the EISA
master (or DMA) it must ensure that system buffers are flushed and buffers pointing
(potentially) towards EISA subsystem are disabled The ESC asserts NMFLUSH
signal for one PCI clock indicating the request for system buffer flushing (After
driving NMFLUSH
asserted for 1 PCI clock the ESC tri-states NMFLUSH
signal)
When PCEB samples NMFLUSH
asserted it starts immediately to drive
NMFLUSH
asserted and initiates internal and external requests for buffer flushing
After all buffers have been flushed (indicated by the proper handshake signals) the
PCEB negates NMFLUSH
for 1 PCI clock and stops driving it When the ESC
samples the signal deasserted that indicates that all system buffers are flushed it
grants EISA bus to an EISA master (or DMA) The ESC resumes responsibility of
default NMFLUSH
driver and starts driving NMFLUSH
deasserted until the next
time a new EISA master (or DMA) wins arbitration
This signal is synchronous with PCICLK and is negated by the ESC at reset
AFLUSH
ts
APIC FLUSH
AFLUSH
is bi-directional signal between the PCEB and ESC that
controls system buffer flushing on behalf of the APIC After a reset the ESC negates
AFLUSH
until the APIC is initialized and the first interrupt request is recognized
SDCPYUP
out
SYSTEM (DATA) COPY UP
SDCPYUP is used to control the direction of the byte
copy operation A High on the signal indicates a COPY UP operation where the
lower byte lower word of the SD data bus is copied on to the higher byte or higher
word of the bus A Low on the signal indicates a COPY DOWN operation where the
higher byte(s) of the data bus are copied on to the lower byte(s) of the bus The
PCEB uses the signal to perform the actual data byte copy operation during mis-
matched cycles
SDOE 20
out
SYSTEM DATA OUTPUT ENABLES
SDOE
enable the SD data output of the
PCEB Data Swap Buffers on to EISA bus The ESC activates these signals only
during mis-matched cycles The PCEB uses these signal to enable the SD data
buffers as follows
SDOE0
Enables byte lane 0 SD 70
SDOE1
Enables byte lane 1 SD 158
SDOE2
Enables byte lane 2 SD 2316 and byte lane 3 SD 3124
SDLE 30
out
SYSTEM DATA LATCH ENABLES
SDLE 30
enable the latching of EISA data
bus These signals are activated only during mis-matched cycles except PCEB
initiated write cycle The PCEB uses these signals to latch the SD data bus as
follows
SDLE0
Latch byte lane 0 SD 70
SDLE1
Latch byte lane 0 SD 158
SDLE2
Latch byte lane 0 SD 2316
SDLE3
Latch byte lane 0 SD 3124
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com